Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3037119 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 3037119
Description  ST 2,5 WH
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3037119 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3037119 Datasheet HTML 1Page - PHOENIX CONTACT 3037119 Datasheet HTML 2Page - PHOENIX CONTACT 3037119 Datasheet HTML 3Page - PHOENIX CONTACT 3037119 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ST 2,5 WH Order No.: 3037119
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3037119
PHOENIX CONTACT Deutschland GmbH
Page 2 / 4
http://www.phoenixcontact.de
Feb 10, 2011
Certification Ex:
IECEx, KEMA-EX
Accessories
Item
Designation
Description
Assembly
3030721
ATP-ST 4
Partition plate, Length: 61 mm, Width: 2 mm, Height: 42 mm,
Color: gray
3022218
CLIPFIX 35
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15 DIN
rail, can be fitted with Zack strip ZB 8 and ZB 8/27, terminal strip
marker KLM 2 and KLM, width: 9.5 mm, color: gray
3030417
D-ST 2,5
End cover, Length: 48.6 mm, Width: 2.2 mm, Height: 29.1 mm,
Color: gray
1201442
E/UK
End clamp, for assembly on NS 32 or NS 35/7.5 DIN rail
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2 m
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1201756
NS 35/15 AL UNPERF 2000MM
DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick,
material: Aluminum, height 15 mm, width 35 mm, length 2 m
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNPERF 2000MM DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
Bridges
3030161
FBS 2-5
Plug-in bridge, Number of positions: 2, Color: red
3030174
FBS 3-5
Plug-in bridge, Number of positions: 3, Color: red
3030187
FBS 4-5
Plug-in bridge, Number of positions: 4, Color: red
3030190
FBS 5-5
Plug-in bridge, Number of positions: 5, Color: red
3030213
FBS 10-5
Plug-in bridge, Number of positions: 10, Color: red
3030226
FBS 20-5
Plug-in bridge, Number of positions: 20, Color: red


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn