Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3037119 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 3037119
Description  ST 2,5 WH
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3037119 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3037119 Datasheet HTML 1Page - PHOENIX CONTACT 3037119 Datasheet HTML 2Page - PHOENIX CONTACT 3037119 Datasheet HTML 3Page - PHOENIX CONTACT 3037119 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ST 2,5 WH Order No.: 3037119
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3037119
PHOENIX CONTACT Deutschland GmbH
Page 3 / 4
http://www.phoenixcontact.de
Feb 10, 2011
Marking
3030941
WST 2,5
Warning cover, 5-pos., for terminal width: 5.2 mm
1050295
ZB 5:SO/CMS
Zack strip, 10-section, divisible, special printing, marking
according to customer requirements
0803647
ZBFM 5:SO/CMS
Special printing, Zack marker sheet, flat, 120-section, divisible,
marking according to customer requirements
Plug/Adapter
3002843
ISH 2,5/0,2
Insulation stop sleeve, Color: white
3002856
ISH 2,5/0,5
Insulation stop sleeve, Color: gray
3002869
ISH 2,5/1,0
Insulation stop sleeve, Color: black
0201744
MPS-MT
Test plugs
3030925
PAI-4
Test adapter, Color: gray
3030983
PS-5
Test adapter, Color: red
0201647
RPS
Reducing plug, Color: gray
Tools
1204517
SZF 1-0,6X3,5
Actuation tool, for ST terminal blocks, also suitable for use as a
bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-component grip,
with non-slip grip
Diagrams/Drawings
Diagram
The figure shows the derating curve of the ST 2,5... terminal
block in connection with the SP 2,5 connector


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn