Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC846BS62-3 Datasheet(PDF) 8 Page - Analog Devices

Part # ADUC846BS62-3
Description  MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC846BS62-3 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUC846BS62-3 Datasheet HTML 4Page - Analog Devices ADUC846BS62-3 Datasheet HTML 5Page - Analog Devices ADUC846BS62-3 Datasheet HTML 6Page - Analog Devices ADUC846BS62-3 Datasheet HTML 7Page - Analog Devices ADUC846BS62-3 Datasheet HTML 8Page - Analog Devices ADUC846BS62-3 Datasheet HTML 9Page - Analog Devices ADUC846BS62-3 Datasheet HTML 10Page - Analog Devices ADUC846BS62-3 Datasheet HTML 11Page - Analog Devices ADUC846BS62-3 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADuC846
-8-
REV. PrA
PRELIMINARY TECHNICAL DATA
PIN CONFIGURATION
52-Lead MQFP
56-Lead CSP
ABSOLUTE MAXIMUM RATINGS1
(TA = 25°C unless otherwise noted)
AVDD to AGND
–0.3 V to +7 V
AVDD to DGND
–0.3 V to +7 V
DVDD to AGND
–0.3 V to +7 V
DVDD to DGND
–0.3 V to +7 V
AGND to DGND2
–0.3 V to +0.3 V
AVDD to DVDD
–2 V to +5 V
Analog Input Voltage to AGND3
–0.3 V to AVDD +0.3 V
Reference Input Voltage to AGND
–0.3 V to AVDD +0.3 V
AIN/REFIN Current (Indefinite)
30 mA
Digital Input Voltage to DGND
–0.3 V to DVDD +0.3 V
Digital Output Voltage to DGND
–0.3 V to DVDD +0.3 V
Operating Temperature Range
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
90°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those listed in
the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device
reliability.
2AGND and DGND are shorted internally on the ADuC846.
3Applies to P1.2 to P1.7 pins operating in analog or digital input modes.
ORDERING GUIDE
MODEL
Temperature
Range (oC)
Voltage Range
(V)
User Code
Space
Package Description
Package
Option
ADuC846BS62-5
-40
+125
4.75
5.25
62 kBytes
52-Lead Plastic Quad Flatpack
S-52
ADuC846BS62-3
-40
+125
2.75
3.60
62 kBytes
52-Lead Plastic Quad Flatpack
S-52
ADuC846BCP62-5
-40
+85
4.75
5.25
62 kBytes
56-Lead Chip Scale Package
CP-56
ADuC846BCP62-3
-40
+85
2.75
3.60
62 kBytes
56-Lead Chip Scale Package
CP-56
ADuC846BCP32-5
-40
+85
4.75
5.25
32 kBytes
56-Lead Chip Scale Package
CP-56
ADuC846BCP32-3
-40
+85
2.75
3.60
32 kBytes
56-Lead Chip Scale Package
CP-56
ADuC846BCP8-5
-40
+85
4.75
5.25
8 kBytes
56-Lead Chip Scale Package
CP-56
ADuC846BCP8-3
-40
+85
2.75
3.60
8 kBytes
56-Lead Chip Scale Package
CP-56
EVAL-ADuC846QS
QuickStart Development System
EVAL-ADuC846QSP
QuickStart Plus Development System
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000V
readily accumulate on the human body and test equipment and can discharge without
detection. Although the ADuC846 features proprietary ESD protection circuitry,
permanent damage may occur on devices subjected to high-energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADUC846BS62-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC841 AD-ADUC841 Datasheet
903Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADuC841 AD-ADuC841 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
838Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
More results

Similar Description - ADUC846BS62-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com