Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3037038 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 3037038
Description  ST 1,5 RD
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3037038 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3037038 Datasheet HTML 1Page - PHOENIX CONTACT 3037038 Datasheet HTML 2Page - PHOENIX CONTACT 3037038 Datasheet HTML 3Page - PHOENIX CONTACT 3037038 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ST 1,5 RD Order No.: 3037038
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3037038
PHOENIX CONTACT Deutschland GmbH
Page 3 / 4
http://www.phoenixcontact.de
Feb 10, 2011
Certificates / Approvals
Certification
BV, CB, CSA, CUL, DNV, GL, GOST, KR, LR, NK, UL, VDE-PZI
Certification Ex:
IECEx, KEMA-EX
Accessories
Item
Designation
Description
Assembly
3030721
ATP-ST 4
Partition plate, Length: 61 mm, Width: 2 mm, Height: 42 mm,
Color: gray
3030417
D-ST 2,5
End cover, Length: 48.6 mm, Width: 2.2 mm, Height: 29.1 mm,
Color: gray
Bridges
3030116
FBS 2-4
Plug-in bridge, Number of positions: 2, Color: red
3030129
FBS 3-4
Plug-in bridge, Number of positions: 3, Color: red
3030132
FBS 4-4
Plug-in bridge, Number of positions: 4, Color: red
3030145
FBS 5-4
Plug-in bridge, Number of positions: 5, Color: red
3030158
FBS 10-4
Plug-in bridge, Number of positions: 10, Color: red
3030352
FBS 20-4
Plug-in bridge, Number of positions: 20, Color: red
Marking
3030958
WST 1,5
Warning cover, 5-pos., for terminal width: 4.2 mm
Plug/Adapter
3206131
ISH 1,5/0,2
Insulation stop sleeve, Color: white
3031034
ISH 1,5/0,5
Insulation stop sleeve, Color: gray
3030925
PAI-4
Test adapter, Color: gray
3030970
PS-4
Test adapter, Color: red
Tools
1204504
SZF 0-0,4X2,5
Actuation tool, for ST terminal blocks, also suitable for use as a
bladed screwdriver, size: 0.4 x 2.5 x 75 mm, 2-component grip,
with non-slip grip


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn