Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC846 Datasheet(PDF) 5 Page - Analog Devices

Part # ADUC846
Description  MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC846 Datasheet(HTML) 5 Page - Analog Devices

  ADUC846 Datasheet HTML 1Page - Analog Devices ADUC846 Datasheet HTML 2Page - Analog Devices ADUC846 Datasheet HTML 3Page - Analog Devices ADUC846 Datasheet HTML 4Page - Analog Devices ADUC846 Datasheet HTML 5Page - Analog Devices ADUC846 Datasheet HTML 6Page - Analog Devices ADUC846 Datasheet HTML 7Page - Analog Devices ADUC846 Datasheet HTML 8Page - Analog Devices ADUC846 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADuC846
REV. PrA
-5-
PRELIMINARY TECHNICAL DATA
PARAMETER
MIN
TYP
MAX
UNITS
CONDITION
LOGIC INPUTS
All Inputs except SCLOCK, RESET
and XTAL12
VINL, Input Low Voltage
0.8
V
DVDD = 5V
0.4
V
DVDD = 3V
VINH, Input Low Voltage
2.0
V
SCLOCK and RESET Only
(Schmidt Triggered Inputs) 2
VT+
1.3
3.0
V
DVDD = 5V
0.95
2.5
V
DVDD = 3V
VT-
0.8
1.4
V
DVDD = 5V
0.4
1.1
V
DVDD = 3V
VT+ - VT-
0.3
0.85
V
DVDD = 5V or 3V
Input Currents
2.0
V
Port 0, P1.2 P1.7,
EA
+/- 10
µA
VIN = 0V or VDD
SCLOCK, MOSI,MISO
SS13
-10
-40
µA
VIN = 0V, DVDD=5V, Internal Pullup
+/-10
µA
VIN = DVDD, DVDD=5V
RESET
+/-10
µA
VIN = 0V, DVDD=5V
35
105
µA
VIN = DVDD, DVDD=5V, Internal Pull-Down
P1.0, P1.1, Port 2, Port 3
+/-10
µA
VIN = DVDD, DVDD=5V
-180
-660
µA
VIN = 2V, DVDD=5V
-20
-75
µA
VIN = 0.45V, DVDD=5V
Input Capacitance
5
pF
All Digital Inputs
LOGIC OUTPUTS
All Digital Outputs except XTAL22
VOH, Output High Voltage
2.4
V
DVDD = 5V, ISOURCE = 80 µA
2.4
V
DVDD = 3V, ISOURCE = 20 µA
VOL, Output Low Voltage
14
0.8
V
ISINK = 8mA, SCLOCK, MOSI/SDATA
0.8
V
ISINK = 10mA, P1.0, P1.1
0.8
V
ISINK = 1.6mA, All Other Outputs
Floating State Leakage Current
+/-10
µA
Floating State Output Capacitance
5
pF
START UP TIME
At Power On
300
ms
After External RESET in Normal Mode
3
ms
After WDT RESET in Normal Mode
3
ms
Controlled via WDCON SFR
From Idle Mode
10
us
From Power-Down Mode
Oscillator Running
PLLCON.7 = 0
Wakeup with INT0 Interrupt
20
us
Wakeup with SPI Interrupt
20
us
Wakeup with TIC Interrupt
20
us
Wakeup with External RESET
3
us
Oscillator Powered Down
PLLCON.7 = 1
Wakeup with INT0 Interrupt
20
us
Wakeup with SPI Interrupt
20
us
Wakeup with External RESET
5
ms


Similar Part No. - ADUC846

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC841 AD-ADUC841 Datasheet
903Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADuC841 AD-ADuC841 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
838Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
More results

Similar Description - ADUC846

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com