Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P76CA-292C Datasheet(PDF) 5 Page - TEKTRONIX, INC.

Part # P76CA-292C
Description  P7600 Series TriMode??Probes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

P76CA-292C Datasheet(HTML) 5 Page - TEKTRONIX, INC.

  P76CA-292C Datasheet HTML 1Page - TEKTRONIX, INC. P76CA-292C Datasheet HTML 2Page - TEKTRONIX, INC. P76CA-292C Datasheet HTML 3Page - TEKTRONIX, INC. P76CA-292C Datasheet HTML 4Page - TEKTRONIX, INC. P76CA-292C Datasheet HTML 5Page - TEKTRONIX, INC. P76CA-292C Datasheet HTML 6Page - TEKTRONIX, INC. P76CA-292C Datasheet HTML 7Page - TEKTRONIX, INC. P76CA-292C Datasheet HTML 8Page - TEKTRONIX, INC. P76CA-292C Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CMRR (differential mode)
P76CA-xxx
>40 dB at DC
>14 dB DC to 15 GHz
>6 dB 15 GHz to 30 GHz
>4 dB 30 GHz to 33 GHz
P76TA
NA
Nondestructive input voltage
range
P76CA-xxx
-5 V to +5 V (DC + peak AC)
P76TA
-8 V to +8 V (DC + peak AC)
Interface
TekConnect
Minimum system requirements
Instrument
Bandwidth
Firmware version
Recommended probe
MSO/DPO73304DX,
DPO73304SX, and DPO/
DSA73304D
33 GHz
V6.8 and above
P7633
MSO/DPO72504DX,
DPO73304SX, and DPO/
DSA72504D
25 GHz
V6.8 and above
P7625
Environmental characteristics
Temperature
Operating
0 to +40 °C (+32 °F to +104 °F)
Nonoperating
-20 °C to +71 °C (-4 °F to +160 °F)
Humidity
Operating
Up to +40 °C (+104 °F) 20%-80% RH
Nonoperating
+30 °C to +46 °C (+86 °F to +115 °F) 0-90% RH
Altitude
Operating
3000 meters (9842 feet)
Nonoperating
12000 meters (39,370 feet)
P7600 Series TriMode Probes
Typical Characteristics
www.tek.com 5


Similar Part No. - P76CA-292C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
P76-5M PANDUIT-P76-5M Datasheet
854Kb / 12P
   P-CONN TM SCREW-ON WIRE CONNECTORS
P76-C PANDUIT-P76-C Datasheet
854Kb / 12P
   P-CONN TM SCREW-ON WIRE CONNECTORS
P76-TL PANDUIT-P76-TL Datasheet
854Kb / 12P
   P-CONN TM SCREW-ON WIRE CONNECTORS
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P76CA-292C

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P7700 TEKTRONIX-P7700 Datasheet
912Kb / 12P
   P7700 Series TriMode Probes
P7500 TEKTRONIX-P7500 Datasheet
686Kb / 12P
   TriMode??Probe Family
logo
List of Unclassifed Man...
P7520 ETC2-P7520 Datasheet
1Mb / 8P
   TriMode Probe Family
logo
Vaisala
HPP270 VAISALA-HPP270 Datasheet
334Kb / 4P
   Probes
logo
TEKTRONIX, INC.
DPO7OE TEKTRONIX-DPO7OE Datasheet
484Kb / 10P
   DPO7OE Series Optical Probes
logo
List of Unclassifed Man...
TAP2500 ETC2-TAP2500 Datasheet
229Kb / 6P
   Active Probes
logo
Extech Instruments Corp...
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
   Temperature Probes
logo
Teledyne Technologies I...
CP030 TELEDYNE-CP030 Datasheet
847Kb / 4P
   Current Probes
logo
List of Unclassifed Man...
TDP1500 ETC2-TDP1500 Datasheet
258Kb / 8P
   Differential Probes
logo
Extech Instruments Corp...
409997 EXTECH-409997 Datasheet
180Kb / 1P
   Temperature Probes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com