Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4855R0025000 Datasheet(PDF) 2 Page - Belden Inc.

Part No. 4855R0025000
Description  12 GHz Coax, 4K UHD Precision Video Cable, RG-59 Mini, 75 Ohm, 23 AWG Solid, CMR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

4855R0025000 Datasheet(HTML) 2 Page - Belden Inc.

  4855R0025000 Datasheet HTML 1Page - Belden Inc. 4855R0025000 Datasheet HTML 2Page - Belden Inc. 4855R0025000 Datasheet HTML 3Page - Belden Inc. 4855R0025000 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Frequency [MHz]
Minimum Return (RL)
5 MHz - 1600 MHz
23 dB
1600 MHz - 4500 MHz
21 dB
4500 MHz - 12000 MHz 15 dB
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
1 MHz
0.39 dB/100ft
3.58 MHz
0.78 dB/100ft
5 MHz
0.92 dB/100ft
6 MHz
1 dB/100ft
7 MHz
1.08 dB/100ft
10 MHz
1.2 dB/100ft
12 MHz
1.3 dB/100ft
25 MHz
1.8 dB/100ft
55 MHz
2.6 dB/100ft
67.5 MHz
2.83 dB/100ft
71.5 MHz
2.93 dB/100ft
88.5 MHz
3.22 dB/100ft
100 MHz
3.39 dB/100ft
135 MHz
3.84 dB/100ft
143 MHz
4.00 dB/100ft
180 MHz
4.41 dB/100ft
270 MHz
5.44 dB/100ft
360 MHz
6.34 dB/100ft
540 MHz
7.85 dB/100ft
720 MHz
9.09 dB/100ft
750 MHz
9.28 dB/100ft
1000 MHz
10.8 dB/100ft
1500 MHz
13.2 dB/100ft
2000 MHz
15.3 dB/100ft
2250 MHz
16.3 dB/100ft
3000 MHz
19.0 dB/100ft
4500 MHz
23.6 dB/100ft
6000 MHz
27.7 dB/100ft
12000 MHz
41.2 dB/100ft
Delay
Nominal Delay Nominal Velocity of Propagation (VP) [%]
1.24 ns/ft
82 %
Voltage
UL Voltage Rating
300 V RMS
Electrical Characteristics Notes:
Return Loss: Fixed bridge and termination
Other Electrical Characteristic 2:
Percent test
Temperature Range
UL Temp Rating:
75°C
Operating Temp Range:
-30°C To +75°C
Mechanical Characteristics
UV Resistance:
Yes
Bulk Cable Weight:
17 lbs/1000ft
Max Recommended Pulling Tension:
40 lbs
Min Bend Radius/Minor Axis:
1.6 in
Standards
NEC/(UL) Specification:
CMR
CEC/C(UL) Specification:
CMG
CPR Euroclass:
Eca


Similar Part No. - 4855R0025000

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
4855 ETC2-4855 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
4855 ETC2-4855 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
Belden Inc.
Belden Inc.
4855P BELDEN-4855P Datasheet
113Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
4855P0021000 BELDEN-4855P0021000 Datasheet
113Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
4855P0031000 BELDEN-4855P0031000 Datasheet
113Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
More results

Similar Description - 4855R0025000

ManufacturerPart No.DatasheetDescription
Belden Inc.
Belden Inc.
4505R BELDEN-4505R Datasheet
242Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-59, 75 Ohm, 20 AWG Solid, CMR
4855P BELDEN-4855P Datasheet
113Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
4794R BELDEN-4794R Datasheet
240Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-7 Series, 75 Ohm, 16 AWG Solid, CMR
4731R BELDEN-4731R Datasheet
244Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-11/U Type, 75 Ohm, 14 AWG Solid, CMR
4731P BELDEN-4731P Datasheet
115Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-11/U Type, 75 Ohm, 14 AWG Solid, CMP
4694R BELDEN-4694R Datasheet
243Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-6/U Type, 75 Ohm, 18 AWG Solid, CMP
4694P BELDEN-4694P Datasheet
240Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-6/U Type, 75 Ohm, 18 AWG Solid, CMP
4694F BELDEN-4694F Datasheet
232Kb / 3P
   12 GHz Coax, 4K UHD Precision Flexible Video Coax, RG-6/U Type, 75 Ohm, 18 AWG solid, CM
8241 BELDEN-8241 Datasheet
235Kb / 2P
   75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
1505F BELDEN-1505F Datasheet
243Kb / 2P
   75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz