Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4855R00610000 Datasheet(PDF) 1 Page - Belden Inc.

Part No. 4855R00610000
Description  12 GHz Coax, 4K UHD Precision Video Cable, RG-59 Mini, 75 Ohm, 23 AWG Solid, CMR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

4855R00610000 Datasheet(HTML) 1 Page - Belden Inc.

  4855R00610000 Datasheet HTML 1Page - Belden Inc. 4855R00610000 Datasheet HTML 2Page - Belden Inc. 4855R00610000 Datasheet HTML 3Page - Belden Inc. 4855R00610000 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number: 4855R
12 GHz Coax, 4K UHD Precision Video Cable, RG-59 Mini, 75 Ohm, 23 AWG
Solid, CMR
Product Description
12 GHz Coax, 4K UHD Precision Video Cable, RG-59 Mini, 75 Ohm, 23 AWG solid .023" silver plated copper conductor, gas-injected foam HDPE insulation,
Duofoil® bonded to the core + tinned copper braid shield (95% coverage), PVC jacket.
Technical Specifications
Product Overview
Environmental Space:
Indoor/Outdoor
Suitable Applications:
SMPTE 2082-1 12 Gb/s UHDTV, SMPTE 2081-1 6 Gb/s UHDTV, SMPTE 424M 3 Gb/s HD-SDI 1080P
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Coax
23
Solid
SPC - Silver Plated Copper 0.023 in
1
Insulation
Material
Nominal Diameter
Gas-injected FHDPE - Foam High Density Polyethylene 0.102 in
Outer Shield Material
Type Layer
Material
Material Trade Name
Coverage [%]
Tape 1
Aluminum/Polyester/Aluminum Bonded Duofoil® (Bonded to Dielectric) 100 %
Braid 2
TC - Tinned Copper
95 %
Outer Jacket Material
Material
Nominal Diameter
PVC - Polyvinyl Chloride 0.159 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Outer Conductor DCR
19.7 Ohm/1000ft
3.9 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Shield
16.3 pF/ft
Inductance
Nominal Inductance
0.107 µH/ft
Impedance
Nominal Characteristic Impedance
75 Ohm
Return Loss (RL)


Similar Part No. - 4855R00610000

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
4855 ETC2-4855 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
4855 ETC2-4855 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
Belden Inc.
Belden Inc.
4855P BELDEN-4855P Datasheet
113Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
4855P0021000 BELDEN-4855P0021000 Datasheet
113Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
4855P0031000 BELDEN-4855P0031000 Datasheet
113Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
More results

Similar Description - 4855R00610000

ManufacturerPart No.DatasheetDescription
Belden Inc.
Belden Inc.
4505R BELDEN-4505R Datasheet
242Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-59, 75 Ohm, 20 AWG Solid, CMR
4855P BELDEN-4855P Datasheet
113Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
4794R BELDEN-4794R Datasheet
240Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-7 Series, 75 Ohm, 16 AWG Solid, CMR
4731R BELDEN-4731R Datasheet
244Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-11/U Type, 75 Ohm, 14 AWG Solid, CMR
4731P BELDEN-4731P Datasheet
115Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-11/U Type, 75 Ohm, 14 AWG Solid, CMP
4694R BELDEN-4694R Datasheet
243Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-6/U Type, 75 Ohm, 18 AWG Solid, CMP
4694P BELDEN-4694P Datasheet
240Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-6/U Type, 75 Ohm, 18 AWG Solid, CMP
4694F BELDEN-4694F Datasheet
232Kb / 3P
   12 GHz Coax, 4K UHD Precision Flexible Video Coax, RG-6/U Type, 75 Ohm, 18 AWG solid, CM
8241 BELDEN-8241 Datasheet
235Kb / 2P
   75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
1505F BELDEN-1505F Datasheet
243Kb / 2P
   75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz