Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4855R0061000 Datasheet(PDF) 3 Page - Belden Inc.

Part # 4855R0061000
Description  12 GHz Coax, 4K UHD Precision Video Cable, RG-59 Mini, 75 Ohm, 23 AWG Solid, CMR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

4855R0061000 Datasheet(HTML) 3 Page - Belden Inc.

  4855R0061000 Datasheet HTML 1Page - Belden Inc. 4855R0061000 Datasheet HTML 2Page - Belden Inc. 4855R0061000 Datasheet HTML 3Page - Belden Inc. 4855R0061000 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RG Type:
Mini 59/U Type
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
EU RoHS Compliance Date (yyyy-mm-dd): 2004-01-01
CA Prop 65 (CJ for Wire & Cable):
Yes
Suitability
Suitability - Aerial:
Yes - Black only, when supported by messenger wire
Suitability - Burial:
No
Suitability - Hazardous Locations:
No
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes - Black only
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1666 Vertical Shaft
CSA Flammability:
FT4
ISO/IEC Flammability:
IEC 60332-1-2
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
No
Part Number
Variants
Item #
Color
UPC
Length
Footnote
4855R 0101000
Black
612825390572 1,000 ft
4855R 0105000
Black
612825390589 5,000 ft
C Z
4855R 01010000
Black
612825436362 10,000 ft
4855R 0061000
Blue, Light 612825395362 1,000 ft
4855R 00610000
Blue, Light 612825436218 10,000 ft
4855R 0065000
Blue, Light 612825436591 5,000 ft
4855R N3U5000
Green, Mil 612825436652 5,000 ft
4855R N3U10000 Green, Mil 612825436447 10,000 ft
4855R N3U1000
Mil Green
612825395355 1,000 ft
4855R 0031000
Orange
612825395249 1,000 ft
4855R 0035000
Orange
612825436560 5,000 ft
4855R 00310000
Orange
612825436195 10,000 ft
4855R 0071000
Purple
612825395263 1,000 ft
4855R 0021000
Red
612825395232 1,000 ft
4855R 0025000
Red
612825436522 5,000 ft
4855R 00210000
Red
612825436164 10,000 ft
4855R 0075000
Violet
612825436607 5,000 ft
4855R 00710000
Violet
612825436225 10,000 ft
4855R 0095000
White
612825436645 5,000 ft
4855R 00910000
White
612825436461 10,000 ft
4855R 0041000
Yellow
612825395256 1,000 ft
4855R 00410000
Yellow
612825436201 10,000 ft
4855R 0045000
Yellow
612825436584 5,000 ft
Footnote:
C - CRATE REEL PUT-UP.
Footnote:
Z - FINAL PUT-UP MAY VARY (= OR -) 10% FOR SPOOLS OR REELS AND (+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Product Notes


Similar Part No. - 4855R0061000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4855R10 BELDEN-4855R10 Datasheet
141Kb / 2P
   4K UHD 10 Coax for 12G-SDI, 75 Ohm, Mini RG-59, 23 AWG Solid SC, Foil 95% TC Braid, PVC Jkt, CMR
11-27-2023
4855R16 BELDEN-4855R16 Datasheet
141Kb / 2P
   4K UHD 16 Coax for 12G-SDI, 75 Ohm, Mini RG-59, 23 AWG Solid SC, Foil 95% TC Braid, PVC Jkt, CMR
11-27-2023
4855RX5 BELDEN-4855RX5 Datasheet
202Kb / 2P
   4K UHD 5 Coax for 12G-SDI, 75 Ohm, Mini RG-59, 23 AWG Solid SC, Foil 95% TC Braid, PVC Jkt, CMR
11-27-2023
4855RX5-B591000 BELDEN-4855RX5-B591000 Datasheet
202Kb / 2P
   4K UHD 5 Coax for 12G-SDI, 75 Ohm, Mini RG-59, 23 AWG Solid SC, Foil 95% TC Braid, PVC Jkt, CMR
11-27-2023
4855RX5-B59CUT BELDEN-4855RX5-B59CUT Datasheet
202Kb / 2P
   4K UHD 5 Coax for 12G-SDI, 75 Ohm, Mini RG-59, 23 AWG Solid SC, Foil 95% TC Braid, PVC Jkt, CMR
11-27-2023
More results

Similar Description - 4855R0061000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4505R BELDEN-4505R Datasheet
242Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-59, 75 Ohm, 20 AWG Solid, CMR
4855P BELDEN-4855P Datasheet
113Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
4794R BELDEN-4794R Datasheet
240Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-7 Series, 75 Ohm, 16 AWG Solid, CMR
4731R BELDEN-4731R Datasheet
244Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-11/U Type, 75 Ohm, 14 AWG Solid, CMR
4731P BELDEN-4731P Datasheet
115Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-11/U Type, 75 Ohm, 14 AWG Solid, CMP
4694R BELDEN-4694R Datasheet
243Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-6/U Type, 75 Ohm, 18 AWG Solid, CMP
4694P BELDEN-4694P Datasheet
240Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-6/U Type, 75 Ohm, 18 AWG Solid, CMP
4694F BELDEN-4694F Datasheet
232Kb / 3P
   12 GHz Coax, 4K UHD Precision Flexible Video Coax, RG-6/U Type, 75 Ohm, 18 AWG solid, CM
8241 BELDEN-8241 Datasheet
235Kb / 2P
   75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
1505F BELDEN-1505F Datasheet
243Kb / 2P
   75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com