Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4855P0051000 Datasheet(PDF) 3 Page - Belden Inc.

Part No. 4855P0051000
Description  12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

4855P0051000 Datasheet(HTML) 3 Page - Belden Inc.

  4855P0051000 Datasheet HTML 1Page - Belden Inc. 4855P0051000 Datasheet HTML 2Page - Belden Inc. 4855P0051000 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
EU RoHS Compliance Date (yyyy-mm-dd): 2018-03-26
CA Prop 65 (CJ for Wire & Cable):
Yes
Suitability
Suitability - Aerial:
No
Suitability - Burial:
No
Suitability - Hazardous Locations:
No
Suitability - Indoor:
Yes
Suitability - Outdoor:
No
Suitability - Sunlight Resistance:
No
Flammability, LS0H, Toxicity Testing
UL Flammability:
NFPA 262
CSA Flammability:
FT6
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Part Number
Non-Plenum Number:
4855R
Variants
Item #
Color
4855P 0101000 Black
4855P 0061000 Blue
4855P 0051000 Green
4855P 0031000 Orange
4855P 0021000 Red
4855P 0071000 Violet
© 2018 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - 4855P0051000

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
4855 ETC2-4855 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
4855 ETC2-4855 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
Belden Inc.
Belden Inc.
4855R BELDEN-4855R Datasheet
244Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-59 Mini, 75 Ohm, 23 AWG Solid, CMR
4855R0021000 BELDEN-4855R0021000 Datasheet
244Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-59 Mini, 75 Ohm, 23 AWG Solid, CMR
4855R00210000 BELDEN-4855R00210000 Datasheet
244Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-59 Mini, 75 Ohm, 23 AWG Solid, CMR
More results

Similar Description - 4855P0051000

ManufacturerPart No.DatasheetDescription
Belden Inc.
Belden Inc.
4855R BELDEN-4855R Datasheet
244Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-59 Mini, 75 Ohm, 23 AWG Solid, CMR
4731P BELDEN-4731P Datasheet
115Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-11/U Type, 75 Ohm, 14 AWG Solid, CMP
4694R BELDEN-4694R Datasheet
243Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-6/U Type, 75 Ohm, 18 AWG Solid, CMP
4694P BELDEN-4694P Datasheet
240Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Coax, RG-6/U Type, 75 Ohm, 18 AWG Solid, CMP
4505R BELDEN-4505R Datasheet
242Kb / 4P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-59, 75 Ohm, 20 AWG Solid, CMR
4694F BELDEN-4694F Datasheet
232Kb / 3P
   12 GHz Coax, 4K UHD Precision Flexible Video Coax, RG-6/U Type, 75 Ohm, 18 AWG solid, CM
4731R BELDEN-4731R Datasheet
244Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-11/U Type, 75 Ohm, 14 AWG Solid, CMR
4794R BELDEN-4794R Datasheet
240Kb / 3P
   12 GHz Coax, 4K UHD Precision Video Cable, RG-7 Series, 75 Ohm, 16 AWG Solid, CMR
8241 BELDEN-8241 Datasheet
235Kb / 2P
   75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
1505F BELDEN-1505F Datasheet
243Kb / 2P
   75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz