Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4271V-10JC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C4271V-10JC
Description  16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4271V-10JC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C4271V-10JC Datasheet HTML 1Page - Cypress Semiconductor CY7C4271V-10JC Datasheet HTML 2Page - Cypress Semiconductor CY7C4271V-10JC Datasheet HTML 3Page - Cypress Semiconductor CY7C4271V-10JC Datasheet HTML 4Page - Cypress Semiconductor CY7C4271V-10JC Datasheet HTML 5Page - Cypress Semiconductor CY7C4271V-10JC Datasheet HTML 6Page - Cypress Semiconductor CY7C4271V-10JC Datasheet HTML 7Page - Cypress Semiconductor CY7C4271V-10JC Datasheet HTML 8Page - Cypress Semiconductor CY7C4271V-10JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16K/32K/64K/128K x 9 Low-Voltage Deep Sync™ FIFOs
CY7C4261V/CY7C4271V
CY7C4281V/CY7C4291V
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-06013 Rev. *A
Revised August 25, 2003
Features
• 3.3V operation for low power consumption and easy
integration into low-voltage systems
• High-speed, low-power, first-in first-out (FIFO)
memories
• 16K × 9 (CY7C4261V)
• 32K × 9 (CY7C4271V)
• 64K × 9 (CY7C4281V)
• 128K × 9 (CY7C4291V)
• 0.35-micron CMOS for optimum speed/power
• High-speed 100-MHz operation (10-ns read/write cycle
times)
• Low power
—ICC = 25 mA
—ISB = 4 mA
• Fully asynchronous and simultaneous read and write
operation
• Empty, Full, and programmable Almost Empty and
Almost Full status flags
• Output Enable (OE) pin
• Independent read and write enable pins
• Supports free-running 50% duty cycle clock inputs
• Width- Expansion capability
• 32-pin PLCC
• Pin-compatible density upgrade to CY7C42X1V family
• Pin-compatible 3.3V solutions for CY7C4261/71/81/91
Functional Description
The CY7C4261/71/81/91V are high-speed, low-power FIFO
memories with clocked read and write interfaces. All are nine
bits wide. The CY7C4261/71/81/91V are pin-compatible to the
CY7C42x1V
Synchronous
FIFO
family.
Programmable
features include Almost Full/Almost Empty flags. These FIFOs
provide solutions for a wide variety of data buffering needs,
including high-speed data acquisition, multiprocessor inter-
faces, and communications buffering.
These FIFOs have 9-bit input and output ports that are
controlled by separate clock and enable signals. The input port
is controlled by a free-running clock (WCLK) and two
write-enable pins (WEN1, WEN2/LD).
When WEN1 is LOW and WEN2/LD is HIGH, data is written
into the FIFO on the rising edge of the WCLK signal. While
WEN1 and WEN2/LD are held active, data is continually
written into the FIFO on each WCLK cycle. The output port is
controlled in a similar manner by a free-running read clock
(RCLK) and two read enable pins (REN1, REN2). In addition,
the CY7C4261/71/81/91V has an output enable pin (OE). The
read (RCLK) and write (WCLK) clocks may be tied together for
single-clock operation or the two clocks may be run indepen-
dently for asynchronous read/write applications. Clock
frequencies up to 100 MHz are achievable. Depth expansion
is possible using one enable input for system control, while the
other enable is controlled by expansion logic to direct the flow
of data.
LogicBlock Diagram
THREE-STATE
OUTPUT REGISTER
READ
CONTROL
FLAG
LOGIC
WRITE
CONTROL
WRITE
POINTER
READ
POINTER
RESET
LOGIC
INPUT
REGISTER
FLAG
PROGRAM
REGISTER
D 0
−8
RCLK
Q0
−8
WEN1
WCLK
RS
OE
Dual Port
WEN2/LD
REN1 REN2
EF
PAE
PAF
FF
RAM Array
16K/32K
x 9
64K/128K
PLCC
D1
D0
RCLK
VCC
GND
WCLK
WEN2/LD
Q8
Q7
PAF
PAE
5
6
7
8
9
10
11
12
13
REN1
OE
REN2
43
21
31 30
32
21
22
23
24
27
28
29
25
26
14 15 16 17 18 19 20
Q6
Q5
WEN1
RS
Top View
CY7C4261V
CY7C4271V
Pin Configuration
CY7C4281V
CY7C4291V


Similar Part No. - CY7C4271V-10JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4271V-10JC CYPRESS-CY7C4271V-10JC Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
More results

Similar Description - CY7C4271V-10JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4282V CYPRESS-CY7C4282V_03 Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4292 CYPRESS-CY7C4292 Datasheet
207Kb / 16P
   64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com