Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6824IS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM6824IS
Description  LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM6824IS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM6824IS Datasheet HTML 1Page - List of Unclassifed Manufacturers CM6824IS Datasheet HTML 2Page - List of Unclassifed Manufacturers CM6824IS Datasheet HTML 3Page - List of Unclassifed Manufacturers CM6824IS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6824IS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6824IS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6824IS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6824IS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6824IS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CM6824
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2002/09/20
Preliminary Rev. 1.1
Champion Microelectronic Corporation
Page 3
BLOCK DIAGRAM
10
GND
350
1.5V
VCC
1.0V
+
-
PFC ILIMIT
PWM
CMP
7.5V
REFERENCE
PFCOUT
DUTY CYCLE
LIMIT
VCC
GND
6
VDC
GMv
+
-
.
3.5K
4
VRMS
PULSE
WIDTH
MODULATOR
-1V
3.5K
9
DC ILIMIT
S
R
Q
Q
VCC
13
VCC
15
VFB
SS CMP
VREF
S
R
Q
0.5V
SW SPST
GAIN
MODULATOR
DC ILIMIT
PFC OVP
+
-
.
2
IAC
19.4V
SW SPST
SW SPST
350
VIN OK
+
-
.
MNPWM
PWMOUT
GND
VCC
14
VREF
S
R
Q
Q
MPPWM
+
-
VCC OVP
20uA
8
RAMP2
OSCILLATOR
5
SS
7
RAMP1
GMi
+
-
.
VFB
CM6824(ON:15V/OFF:10V)
+
-
SW SPST
UVLO
S
R
Q
Q
12
PFC OUT
11
PWM OUT
PWM
DUTY
POWER
FACTOR
CORRECTOR
3
ISENSE
2.75V
MPPFC
MNPFC
CLK
LOW POWER
DETECT
2.5V
PFC CMP
16
VEAO
Vcc
2.45V
1
IEAO
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM6824IP
-40℃ to 125℃
16-Pin PDIP (P16)
CM6824IS
-40℃ to 125℃
16-Pin Wide SOP (S16)


Similar Part No. - CM6824IS

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM682 CML-CM682 Datasheet
226Kb / 1P
   T-1 Wire Terminal (standard)
logo
Visual Communications C...
CM682 VCC-CM682 Datasheet
33Kb / 1P
   Sub-Midget Flange Base, Wire Terminal
More results

Similar Description - CM6824IS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_06 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
   Current Mode PWM Controller Low Start-Up and Operating Current
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
Semtech Corporation
SC4911 SEMTECH-SC4911 Datasheet
217Kb / 14P
   Bias/Primary Side PWM Controller with Ultra Low Start-up Current
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_10 Datasheet
411Kb / 19P
   Low Startup Current PFC/PWM Controller Combinations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com