Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CM6824 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. CM6824
Description  LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

CM6824 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CM6824
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2002/09/20
Preliminary Rev. 1.1
Champion Microelectronic Corporation
Page 3
BLOCK DIAGRAM
10
GND
350
1.5V
VCC
1.0V
+
-
PFC ILIMIT
PWM
CMP
7.5V
REFERENCE
PFCOUT
DUTY CYCLE
LIMIT
VCC
GND
6
VDC
GMv
+
-
.
3.5K
4
VRMS
PULSE
WIDTH
MODULATOR
-1V
3.5K
9
DC ILIMIT
S
R
Q
Q
VCC
13
VCC
15
VFB
SS CMP
VREF
S
R
Q
0.5V
SW SPST
GAIN
MODULATOR
DC ILIMIT
PFC OVP
+
-
.
2
IAC
19.4V
SW SPST
SW SPST
350
VIN OK
+
-
.
MNPWM
PWMOUT
GND
VCC
14
VREF
S
R
Q
Q
MPPWM
+
-
VCC OVP
20uA
8
RAMP2
OSCILLATOR
5
SS
7
RAMP1
GMi
+
-
.
VFB
CM6824(ON:15V/OFF:10V)
+
-
SW SPST
UVLO
S
R
Q
Q
12
PFC OUT
11
PWM OUT
PWM
DUTY
POWER
FACTOR
CORRECTOR
3
ISENSE
2.75V
MPPFC
MNPFC
CLK
LOW POWER
DETECT
2.5V
PFC CMP
16
VEAO
Vcc
2.45V
1
IEAO
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM6824IP
-40℃ to 125℃
16-Pin PDIP (P16)
CM6824IS
-40℃ to 125℃
16-Pin Wide SOP (S16)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn