Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLC1510 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 7Page - STMicroelectronics STLC1510 Datasheet HTML 8Page - STMicroelectronics STLC1510 Datasheet HTML 9Page - STMicroelectronics STLC1510 Datasheet HTML 10Page - STMicroelectronics STLC1510 Datasheet HTML 11Page - STMicroelectronics STLC1510 Datasheet HTML 12Page - STMicroelectronics STLC1510 Datasheet HTML 13Page - STMicroelectronics STLC1510 Datasheet HTML 14Page - STMicroelectronics STLC1510 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11/40
STLC1510
5.0 MAIN BLOCK DESCRIPTION
The following sections describe the sequence of
functions performed by the chip
5.1 Network Interface and Controller (NIF)
The Network Interface and Controller block (NIF) is
responsible
for
transferring
data
between
the
STLC1510 and the ATM network. The NIF has two
interfaces to the backplane: an 8-bit Utopia Level 2
Physical Interface (U2PHY) and a clock and data se-
rial interface (CDIF). It communicates with the rest of
the STLC1510 via the Lamba Bus. Figure 3. shows a
functional/data path block diagram of the NIF (this di-
agram does not include all glue logic between the
major functional blocks). 37 external pins are re-
quired for the U2PHY and CDIF interfaces (19 for the
Tx direction, 18 for Rx). Pins are shared between the
two interfaces, as they will not both be active at the
same time.
5.1.1 Features
s
Utopia Level 2 8-bit parallel interface.
s
Up to 9 ATM cells (477 bytes) of rate adaptation
buffering for the Utopia Level 2 TX interface.
The amount of buffering is programmable via a
memory-mapped register.
s
Up to 2 ATM cells (106 bytes) of rate adaptation
buffering for the Utopia Level 2 RX interface.
The amount of buffering is programmable via a
memory-mapped register.
s
ATM Transconvergance (TC) layer cell
processor with 16-bit data path: performs
scrambling/descrambling, HEC calculation, cell
delineation with error detection (no error
correction) and cell rate decoupling by idle cell
insertion/detection.
s
Clock and Data serial interface.
s
Implemented as a hardware module on the
Lamba bus with an 8-bit data interface and 16-
bit control interface.
s
4 ATM cells (212 bytes) of rate adaptation
buffering in each direction (TX and RX) for
interfacing to the Lamba bus.
s
Pads partial or runt cells (ATM cells of length
less than 53 bytes) to 53 bytes in the TX
direction to prevent loss of synchronization at
the CPE.
5.1.2 External Interface (Pins)
The STLC1510 connects to the ATM network via 37
external pins. These are illustrated in Figure 3. Note
that the pins TxClk and RxClk are bidirectional and,
along with UTxData[0] and URxData[0], are shared
between the CDIF and U2PHY
5.1.3 Clock and data serial Interface (CDIF)
The STLC1510 can communicate serially to an ATM
network through the CDIF. Two serial data lines, one
for the Tx path (CO to CPE), the other for the Rx path
(CPE to CO), and two respective clocks realize the
exchange of information and control signals between
the STLC1510 and the network.
The CDIF of the STLC1510 has the following at-
tributes:
s
Synchronizes to the ATM network.
s
Provides Tx and Rx clocks to the ATM network.
Transfers data between the ATM network and the
STLC1510’s Lamba Bus
s
Accepts idle ATM cells inserted by the ATM
network in the Tx direction. These idle cells are
used by the ATM network to adapt to the clock
provided to it by the STLC1510.
s
Generates clock gapping in the Tx direction.
This serves two purposes: it is a flow control
mechanism to the ATM network chip, and it can
be used for the byte alignment. In the byte-
alignment role, a clock gap longer than a pre-set
threshold indicates that the most significant bit
of a byte should be transmitted on the next
rising clock edge. This is useful for aligning data
bytes to the overhead bits inserted by the
STLC1510. In the flow control role, incoming
data is not sampled when the clock is off. The
threshold used to distinguish between byte
alignment and flow control clock gapping is
software programmable and has a range of from
0 to 65535 clock cycles (a 16 bit register stores
the value).
s
Generates clock gapping in the Rx direction.
This serves as a flow-control mechanism; when
there is no data available for transmission to the
backplane, the clock is shut off, ensuring that no
invalid data bits are sampled by the backplane.


Similar Part No. - STLC1510

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC1511 STMICROELECTRONICS-STLC1511 Datasheet
358Kb / 31P
   NorthenLite??G.lite BiCMOS Analog Front-End Circuit
STLC1512 STMICROELECTRONICS-STLC1512 Datasheet
329Kb / 26P
   NorthenLite??G.lite BiCMOS Analog Front-End Circuit
More results

Similar Description - STLC1510

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC1512 STMICROELECTRONICS-STLC1512 Datasheet
329Kb / 26P
   NorthenLite??G.lite BiCMOS Analog Front-End Circuit
STLC1511 STMICROELECTRONICS-STLC1511 Datasheet
358Kb / 31P
   NorthenLite??G.lite BiCMOS Analog Front-End Circuit
ST70135A STMICROELECTRONICS-ST70135A Datasheet
198Kb / 29P
   ASCOTTM DMT TRANSCEIVER
ST70235A STMICROELECTRONICS-ST70235A Datasheet
257Kb / 28P
   ASCOTTM DMT TRANSCEIVER
STLC60135 STMICROELECTRONICS-STLC60135 Datasheet
189Kb / 25P
   TOSCA ADSL DMT TRANSCEIVER
MTC20455 STMICROELECTRONICS-MTC20455 Datasheet
662Kb / 23P
   QUAD ADSL DMT TRANSCEIVER
ST70137 STMICROELECTRONICS-ST70137 Datasheet
140Kb / 22P
   UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
logo
Samsung semiconductor
S5N8944B SAMSUNG-S5N8944B Datasheet
183Kb / 21P
   G.Lite ADSL Transceiver for CO and CPE
logo
Bel Fuse Inc.
S560-6600-LK BEL-S560-6600-LK Datasheet
76Kb / 2P
   DMT VDSL MAGNETICS
S560-6600-A7 BEL-S560-6600-A7 Datasheet
45Kb / 2P
   ADSL Magnetics GlobeSpan ADSL DMT CPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com