Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C65U14I-1.8TE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT25C65U14I-1.8TE13
Description  32K/64K-Bit SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C65U14I-1.8TE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT25C65U14I-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C65U14I-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C65U14I-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C65U14I-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C65U14I-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C65U14I-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C65U14I-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C65U14I-1.8TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C65U14I-1.8TE13 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
CAT25C33/65
Doc. No. 1000, Rev. F
Figure 7. WRSR Instruction Timing
Figure 6. Write Instruction Timing
Note: Dashed Line= mode (1, 1) – – – –
Note: Dashed Line= mode (1, 1) — — — —
SK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
012345678
21
22
23
24
25
26
27
28
29
30
31
CS
OPCODE
DATA IN
HIGH IMPEDANCE
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
CS
7
6
5
4
3
2
10
00
0
00
0
0
1
OPCODE
If the write operation is initiated immediately after the
WREN instruction without
CS being brought high,
the data will not be written to the array because the
write enable latch will not have been properly set.
Also, for a successful write operation the address of
the memory location(s) to be programmed must be
outside the protected address field location selected
by the block protection level.
Byte Write
Once the device is in a Write Enable state, the user
may proceed with a write sequence by setting the
CS
low, issuing a write instruction via the SI line, followed
by the 16-bit address (the three Most Significant Bits
are don’t care for 25C65 and four most significant bits
are don't care for 25C33), and then the data to be
written.
Programming will start after the
CS is
brought high.
Figure 6 illustrates byte write se-
quence.
During an internal write cycle, all commands will be
ignored except the RDSR (Read Status Register)
instruction.
The Status Register can be read to determine if the write cycle
is still in progress. If Bit 0 of the Status Register is set at 1, write
cycle is in progress. If Bit 0 is set at 0, the device is ready for
the next instruction.
Page Write
The CAT25C33/65 features page write capability. After the first
initial byte the host may continue to write up to 64 bytes of data
to the CAT25C33/65. After each byte of data is received, six
lower order address bits are internally incremented by one; the
high order bits of address will remain constant. The only
restriction is that the 64 bytes must reside on the same page.
If the address counter reaches the end of the page and clock
continues, the counter will “roll over” to the first address of the
page and overwrite any data that may have been written. The
CAT25C33/65 is automatically returned to the write disable
state at the completion of the write cycle. Figure 8 illustrates the
page write sequence.
To write to the status register, the WRSR instruction should be
sent. Only Bit 2, Bit 3 and Bit 7 of the status register can be
written using the WRSR instruction. Figure 7 illustrates the
sequence of writing to status register.


Similar Part No. - CAT25C65U14I-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C65U14S-1.8TE13 CATALYST-CAT25C65U14S-1.8TE13 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65U14SA-1.8TE13 CATALYST-CAT25C65U14SA-1.8TE13 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65U14SATE13 CATALYST-CAT25C65U14SATE13 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65U14SE-1.8TE13 CATALYST-CAT25C65U14SE-1.8TE13 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65U14SETE13 CATALYST-CAT25C65U14SETE13 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C65U14I-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com