Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5110TPI-00-T10 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT5110TPI-00-T10
Description  32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5110TPI-00-T10 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT5110TPI-00-T10 Datasheet HTML 3Page - Catalyst Semiconductor CAT5110TPI-00-T10 Datasheet HTML 4Page - Catalyst Semiconductor CAT5110TPI-00-T10 Datasheet HTML 5Page - Catalyst Semiconductor CAT5110TPI-00-T10 Datasheet HTML 6Page - Catalyst Semiconductor CAT5110TPI-00-T10 Datasheet HTML 7Page - Catalyst Semiconductor CAT5110TPI-00-T10 Datasheet HTML 8Page - Catalyst Semiconductor CAT5110TPI-00-T10 Datasheet HTML 9Page - Catalyst Semiconductor CAT5110TPI-00-T10 Datasheet HTML 10Page - Catalyst Semiconductor CAT5110TPI-00-T10 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CAT5110/5118/5119
7
Doc. No. 2120, Rev. A
FUNCTIONAL DESCRIPTION
The CAT5110/5118/5119 consist of a fixed resistor and
a wiper contact with 32-tap points that are digitally
controlled through a 2-wire up/down serial interface.
Three end-to-end resistance values are available: 10k
Ω,
50k
Ω and 100kΩ.
The CAT5110 is designed to operate as a potentiometer.
In this configuration, the low terminal of the resistor array
is connected to ground (pin 2).
The CAT5118 performs as a variable resistor. In this
device, the wiper terminal and high terminal of the
resistor array is connected at pin 5. The CAT5119 is a
similar variable resistor, except the low terminal is
connected to pin 5.
Digital Interface Operation
The Minipots have two modes of operation when the
serial interface is active: increment and decrement
mode. The serial interface is only active when
CS is
low.
The
CS and U/D inputs control the position of the wiper
along the resistor array. When
CS transitions from high
to low, the part will go into increment mode if U/
D input
is high, and into decrement mode when U/
D input is low.
Once the mode is set, the device will remain in that mode
until
CS goes high again. A low-to-high transition at the
U/
D pin will increment or decrement the wiper position
depending on the current mode (Figures 1 and 2).
When the
CS input transitions to high (serial interface
inactive), the value of the counter is stored and the wiper
position is maintained.
Note that when the wiper reaches the maximum (or
minimum) tap position, the wiper will not wrap around to
the minimum (or maximum) position.
Power-On Reset
All parts in this family feature power-on reset (POR)
circuitry that sets the wiper position to midscale at
power-up. By default, the chip is in the increment mode.
CS
U/D
W
tCU
tIL
tIH
tIC
tSETTLE
tCI
tSETTLE
Note: "W" is not a digital signal. It represents wiper transitions.
CS
U/D
W
tCU
tIL
tIH
tSETTLE
tIC
tCI
tSETTLE
Note: "W" is not a digital signal. It represents wiper transitions.
Figure 2. Serial Interface Timing Diagram, Decrement Mode
Figure 1. Serial Interface Timing Diagram, Increment Mode


Similar Part No. - CAT5110TPI-00-T10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5110TBI-00-GT10 CATALYST-CAT5110TBI-00-GT10 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110TBI-00-GT10 CATALYST-CAT5110TBI-00-GT10 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110TBI-00-GT3 CATALYST-CAT5110TBI-00-GT3 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110TBI-00-GT3 CATALYST-CAT5110TBI-00-GT3 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110TBI-00-GT3 CATALYST-CAT5110TBI-00-GT3 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT5110TPI-00-T10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com