Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK1171114-F15-C1-A103 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RK1171114-F15-C1-A103
Description  11mm Size Metal Shaft Low-profile Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RK1171114-F15-C1-A103 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RK1171114-F15-C1-A103 Datasheet HTML 1Page - List of Unclassifed Manufacturers RK1171114-F15-C1-A103 Datasheet HTML 2Page - List of Unclassifed Manufacturers RK1171114-F15-C1-A103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RK1171114-F15-C1-A103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RK1171114-F15-C1-A103 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Metal
Shaft
Rotary
Potentiometers
48
Slide
Potentiometers
Trimmer
Potentiometers
Multi Control
Devices
Position Sensors
Insulated
Shaft
Knob
Operating
Metal Shaft Potentiometers
Products Specifications
Model
Items
RK09L
RK097
RK098
RK117
RK16
Operating temperature range
−10℃ to +70℃
±20%
0.05W
50V AC
R
≦10kΩ
20
Ωmax.
10k
Ω<R≦50kΩ
30
Ωmax.
50k
Ω<R
Nominal total resistance of 0.1% or less
5k
Ω≦R< 10kΩ
70dB min.
10k
Ω≦R< 50kΩ
80dB min.
50k
Ω≦R<100kΩ
90dB min.
100k
Ω≦R
100dB min.
100M
Ω min. 250V DC
100M
Ω min.
500V DC
1 minute 300V AC
1 minute 500V AC
RK09L 300
±5°
RK097 300
±5°
(Axis movement type is 300
RK098 300
2 to 25mN
・m
0.5N
・m(For shaft movable type,0.4N・m)
0.9N
・m
(For dual-shaft type, 0.6N・m)
80N max.
10 to 55 to 10Hz / min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z and for 2 hours respectively
230
±5℃, 3±0.5s
350
℃ or less and within 3 seconds
260
±5℃ 4±1s
15,000 cycles
−10℃ for 96h
+70℃ for 96h
+40±2℃, 90 to 95%RH for 96h
100N max.
300
300
±5°
150V AC
Total
resistance tolerance
Rated power
Maximum
operating voltage
Residual
resistance
Maximum
attenuation
(Volume control)
Insulation
resistance
Voltage proof
Total
rotational angle
Rotational torque
Stopper strength
Push-pull strength
Vibration
Solderability
Solder
heat
resistance
Manual
soldering
Dip soldering
(Dip available
products
Electrical
performance
Mechanical
performance
Endurance
Operating life
Cold
Long-term heat
resistance
Moisture
resistance
Environ-
mental test
+10°
−5°
+10°
−5°
+10°
−5°


Similar Part No. - RK1171114-F15-C1-A103

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK117111400C ALPS-RK117111400C Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK1171114D01 ALPS-RK1171114D01 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK1171114W0W ALPS-RK1171114W0W Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
More results

Similar Description - RK1171114-F15-C1-A103

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
logo
Bourns Electronic Solut...
PTV111 BOURNS-PTV111 Datasheet
112Kb / 2P
   11mm Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com