Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10E193 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC10E193
Description  ERROR DETECTION/ CORRECTION CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E193 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E193 Datasheet HTML 1Page - ON Semiconductor MC10E193 Datasheet HTML 2Page - ON Semiconductor MC10E193 Datasheet HTML 3Page - ON Semiconductor MC10E193 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10E193 MC100E193
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
2–2
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
IIH
Input HIGH Current
150
150
150
µA
IEE
Power Supply Current
mA
10E
112
134
112
134
112
134
100E
112
134
112
134
129
155
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
B to P1, P2, P3, P4
350
700
1000
350
700
1000
350
700
1000
B to P5
400
775
1150
400
775
1150
400
775
1150
EV/OD, BPAR to PGEN
350
650
850
350
650
850
350
650
850
B to PGEN
600
1000
1450
600
1000
1450
600
1000
1450
CLK to PARERR
300
550
850
300
550
850
300
550
850
ts
Setup Time
ps
SHIFT
400
150
400
150
400
150
S-IN
300
50
300
50
300
50
HOLD
750
350
750
350
750
350
EN
500
250
500
250
500
250
EV/OD
1300
850
1300
850
1300
850
BPAR
1300
850
1300
850
1300
850
B
1700
1100
1700
1100
1700
1100
th
Hold Time
ps
SHIFT
200
–150
200
–150
200
–150
S-IN
300
– 50
300
– 50
300
– 50
HOLD
100
– 350
100
– 350
100
– 350
EN
100
– 250
100
– 250
100
– 250
EV/OD
– 200
– 850
– 200
– 850
– 200
– 850
BPAR
– 200
– 850
– 200
– 850
– 200
– 850
B
– 300
–1100
– 300
–1100
– 300
–1100
tr
Rise/Fall Times
ps
tf
20 - 80%
300
700
1100
300
700
1100
300
700
1100


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn