Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

431KD14J Datasheet(PDF) 7 Page - YAGEO Corporation

Part # 431KD14J
Description  METAL OXIDE VARISTORS POWER SUPPLY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

431KD14J Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button 431KD14J Datasheet HTML 3Page - YAGEO Corporation 431KD14J Datasheet HTML 4Page - YAGEO Corporation 431KD14J Datasheet HTML 5Page - YAGEO Corporation 431KD14J Datasheet HTML 6Page - YAGEO Corporation 431KD14J Datasheet HTML 7Page - YAGEO Corporation 431KD14J Datasheet HTML 8Page - YAGEO Corporation 431KD14J Datasheet HTML 9Page - YAGEO Corporation 431KD14J Datasheet HTML 10Page - YAGEO Corporation 431KD14J Datasheet HTML 11Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
13
Product Specification
14D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Feb. 12, 2019 V.0
Mechanical Characteristics
Items
Test conditions / Methods
Specifications
Tensile Strength
of Terminals
Gradually applying the force specified and keeping the unit
fixed for 10±1 sec.
Terminal diameter (mm)
0.5<d≤0.8
0.8<d≤1.25
1.25<d
1.0
2.0
4.0
Force (kg)
No visible damage
|
V
1mA/V1mA |≤5%
Bending Strength
of Terminals
Hold specimen and apply the force specified below to each
lead. Bend the specimen to 90°, then return to the original
position. Repeat the procedure in the opposite direction.
Terminal diameter (mm)
0.5<d≤0.8
0.8<d≤1.25
1.25<d
0.5
1.0
2.0
Force (kg)
No visible damage
|
V
1mA/V1mA |≤5%
Vibration
Frequency range: 10~55 Hz
Amplitude: 0.75mm or 98m/s
2
Direction: 3 mutually perpendicular directions, 2hrs each.
No visible damage
|
V
1mA/V1mA |≤5%
Solder ability
Solder Temp: 245±5℃
Dipping Time: 2±0.5 sec
At least 95% of terminal
electrode is covered by
new solder
Resistance to
Soldering Heat
Solder Temp: 260±5℃
Dipping Time: 10±1 sec
No visible damage
|
V
1mA/V1mA |≤10%
Reliability
Items
Test conditions / Methods
Specifications
High Temperature
Storage
Ambient Temp: 125±2℃
Duration: 1000hrs
| V
1mA/V1mA |≤5%
Low Temperature
Storage
Ambient Temp: -40±2℃
Duration: 1000hrs
| V
1mA/V1mA |≤5%
Humidity
Ambient Temp: 40±2℃, 90~95% R.H.
Duration: 1000hrs
| V
1mA/V1mA |≤5%
Temperature Cycle
The conditions shown below shall be repeated 5 cycles
Step
Temperature (℃)
Period (minutes)
1
-40±3
30±3
2
Room temperature
15±3
3
125±3
30±3
4
Room temperature
15±3
No visible damage
| V
1mA/V1mA |≤5%
High Temperature
Load
Ambient Temp: 105±2℃
Duration: 1000hrs
Load: Max. Allowable Voltage In AC eara.
| V
1mA/V1mA|≤10%
Damp Heat Load
Ambient Temp: 40±2℃, 90~95% R.H.
Duration: 1000hrs
Load: Max. Allowable Voltage
No visible damage
| V
1mA/V1mA |≤10%
Voltage Proof
Metal balls method, 2500Vac 1 min.
No visible damage


Similar Part No. - 431KD14J

ManufacturerPart #DatasheetDescription
logo
BRIGHTKING (SHENZHEN) C...
431KD14J BRIGHTKING-431KD14J Datasheet
715Kb / 12P
   Metal Oxide Varistor (MOV) Data Sheet
logo
Micro Commercial Compon...
431KD14JX MCC-431KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
More results

Similar Description - 431KD14J

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com