Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1232LPV-T13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT1232LPV-T13
Description  5V and 3.3V Supply Voltage Monitor and Reset Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LPV-T13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

  CAT1232LPV-T13 Datasheet HTML 1Page - Catalyst Semiconductor CAT1232LPV-T13 Datasheet HTML 2Page - Catalyst Semiconductor CAT1232LPV-T13 Datasheet HTML 3Page - Catalyst Semiconductor CAT1232LPV-T13 Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LPV-T13 Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LPV-T13 Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LPV-T13 Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LPV-T13 Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LPV-T13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
CAT1232LP/CAT1832
Doc. No. 25089, Rev. A
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE MECHANICAL
8-LEAD MSOP
0.0150
0.0110
0.38
0.28
0.1970
0.1890
5.00
4.80
S
0.0256 [0.65] BSC
0.1220
0.1142
3.10
2.90
0.0433
[1.10] MAX.
0.039 [0.10] MAX.
S
0.0059
0.0020
0.15
0.05
S
0.0374
0.0295
0.95
0.75
0.0276
0.0157
0.70
0.40
0.1220
0.1142
3.10
2.90
0˚ - 6˚
8-LEAD Narrow Body SOIC (150mil)
0.1497 (3.90)
0.1574 (4.00)
0.2294 (5.90)
0.2440 (6.20)
0.0926 (2.35)
0.1043 (2.65)
0.0040 (0.10)
0.0099 (0.25)
0.050 (1.27) BSC
0.013 (0.33)
0.020 (0.51)
0 –8
0.0075 (0.19)
0.0099 (0.25)
0.0099 (0.25)
0.0196 (0.75)
X 45
0.016 (0.40)
0.050 (1.27)
0.1990 (4.90)
0.1969 (5.00)


Similar Part No. - CAT1232LPV-T13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1232LPV-GT3 CATALYST-CAT1232LPV-GT3 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1232LPV-GT3 ONSEMI-CAT1232LPV-GT3 Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
More results

Similar Description - CAT1232LPV-T13

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1232LP ALSC-ASM1232LP Datasheet
276Kb / 10P
   5V uP Power Supply Monitor and Reset Circuit
ASM1832 ALSC-ASM1832 Datasheet
259Kb / 9P
   3.3V UP Power Supply Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
ASM1832 PULSECORE-ASM1832 Datasheet
202Kb / 9P
   3.3V 關P Power Supply Monitor and Reset Circuit
logo
ON Semiconductor
ASM1832 ONSEMI-ASM1832 Datasheet
163Kb / 9P
   Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP_06 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
CAT1232 CATALYST-CAT1232 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
IMP, Inc
IIMP1832 IMP-IIMP1832 Datasheet
109Kb / 7P
   3.3V 關P Power Suppl Monitor and Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com