Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

220KD14J Datasheet(PDF) 5 Page - YAGEO Corporation

Part No. 220KD14J
Description  METAL OXIDE VARISTORS POWER SUPPLY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

220KD14J Datasheet(HTML) 5 Page - YAGEO Corporation

  220KD14J Datasheet HTML 1Page - YAGEO Corporation 220KD14J Datasheet HTML 2Page - YAGEO Corporation 220KD14J Datasheet HTML 3Page - YAGEO Corporation 220KD14J Datasheet HTML 4Page - YAGEO Corporation 220KD14J Datasheet HTML 5Page - YAGEO Corporation 220KD14J Datasheet HTML 6Page - YAGEO Corporation 220KD14J Datasheet HTML 7Page - YAGEO Corporation 220KD14J Datasheet HTML 8Page - YAGEO Corporation 220KD14J Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
13
Product Specification
14D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Feb. 12, 2019 V.0
Electrical Ratings
Items
Test Condition/Description
Requirement
Varistor Voltage
The voltage between two terminals with the specified measuring
current 1mA.DC applied is called Vb.
To meet the
Specified value
Maximum Allowable
Voltage
The recommended maximum sine wave voltage (RMS) or the
Maximum DC voltage can be applied continuously.
Maximum Clamping
Voltage
The maximum voltage between two terminals with the specification
standard impulse current.
Applied waveform: 8/20μs
0
10
50
90
100
Time
Impulse Width
8µs
20µs
Crest value
Rated Wattage
The maximum average power that can be applied within the
specified ambient temperature.
Energy
The maximum energy within the varistor voltage change of ±10%
when one impulse of 10/1000μs or 2ms is applied.
Withstanding Surge
Current
The maximum current within the varistor voltage change of ±10%
with the standard impul
se current (8/20μs) applied one time.
Varistor Voltage
Temp. Coefficient
V1mA@85℃-V1mA@25℃
V1mA@25℃
×
1
60
× 100%(%/℃)
≤0.05%/℃
V1mA@-40℃-V1mA@25℃
V1mA@25℃
×
1
65
× 100%(%/℃)
Surge Life
The change of Vb shall be measured after the impulse listed below
which is applied 10,000 times continuously with the interval of ten
seconds at room temperature.
14Φ series
180K to 680K
75A (8/20μs)
820K to 182K
150A (8/20μs)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn