Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

220KD14J Datasheet(PDF) 4 Page - YAGEO Corporation

Part No. 220KD14J
Description  METAL OXIDE VARISTORS POWER SUPPLY
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YAGEO [YAGEO Corporation]
Homepage  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

220KD14J Datasheet(HTML) 4 Page - YAGEO Corporation

  220KD14J Datasheet HTML 1Page - YAGEO Corporation 220KD14J Datasheet HTML 2Page - YAGEO Corporation 220KD14J Datasheet HTML 3Page - YAGEO Corporation 220KD14J Datasheet HTML 4Page - YAGEO Corporation 220KD14J Datasheet HTML 5Page - YAGEO Corporation 220KD14J Datasheet HTML 6Page - YAGEO Corporation 220KD14J Datasheet HTML 7Page - YAGEO Corporation 220KD14J Datasheet HTML 8Page - YAGEO Corporation 220KD14J Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
13
Product Specification
14D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Feb. 12, 2019 V.0
Electrical Characteristics
Part
Number
Maximum
Allowable
Voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge
Current
Maximum
Energy
(10/1000μs)
Rated
Power
Typical
Capacitance
(Reference)
Standard
High
Surge
VAC(V)
VDC(V)
V1mA(V)
IP(A)
VC(V)
I (A)
Standard
I (A)
High
Surge
(J)
Standard
(J)
High
Surge
(W)
@1KHz (pf)
180KD14
180KD14J
11
14
18(15~21.6)
10
36
1000
2000
4.0
7.0
0.1
11100
220KD14
220KD14J
14
18
22(19.5~26)
10
43
1000
2000
5.0
8.0
0.1
9100
270KD14
270KD14J
17
22
27(24~31)
10
53
1000
2000
6.0
10.0
0.1
7400
330KD14
330KD14J
20
26
33(29.5~36.5)
10
65
1000
2000
7.5
12.0
0.1
6100
390KD14
390KD14J
25
31
39(35~43)
10
77
1000
2000
8.6
13.0
0.1
5100
470KD14
470KD14J
30
38
47(42~52)
10
93
1000
2000
10.0
17.0
0.1
4300
560KD14
560KD14J
35
45
56(50~62)
10
110
1000
2000
11.0
20.0
0.1
3600
680KD14
680KD14J
40
56
68(61~75)
10
135
1000
2000
14.0
24.0
0.1
2900
820KD14
820KD14J
50
65
82(74~90)
50
135
4500
6000
22.0
27.0
0.6
2400
101KD14
101KD14J
60
85
100(90~110)
50
165
4500
6000
28.0
33.0
0.6
2000
121KD14
121KD14J
75
100
120(108~132)
50
200
4500
6000
32.0
40.0
0.6
1700
151KD14
151KD14J
95
125
150(135~165)
50
250
4500
6000
40.0
53.0
0.6
1300
181KD14
181KD14J
115
150
180(162~198)
50
300
4500
6000
50.0
60.0
0.6
1100
201KD14
201KD14J
130
170
200(180~220)
50
340
4500
6000
57.0
70.0
0.6
1000
221KD14
221KD14J
140
180
220(198~242)
50
360
4500
6000
60.0
78.0
0.6
900
241KD14
241KD14J
150
200
240(216~264)
50
395
4500
6000
63.0
84.0
0.6
830
271KD14
271KD14J
175
225
270(243~297)
50
455
4500
6000
70.0
99.0
0.6
740
301KD14
301KD14J
190
250
300(270~330)
50
500
4500
6000
77.0
108
0.6
670
331KD14
331KD14J
210
275
330(297~363)
50
550
4500
6000
85.0
115
0.6
610
361KD14
361KD14J
230
300
360(324~396)
50
595
4500
6000
93.0
130
0.6
560
391KD14
391KD14J
250
320
390(351~429)
50
650
4500
6000
100
140
0.6
510
431KD14
431KD14J
275
350
430(387~473)
50
710
4500
6000
115
155
0.6
460
471KD14
471KD14J
300
385
470(423~517)
50
775
4500
6000
118
175
0.6
430
511KD14
511KD14J
320
415
510(459~561)
50
845
4500
6000
121
180
0.6
390
561KD14
561KD14J
350
460
560(504~616)
50
925
4500
6000
125
185
0.6
360
621KD14
621KD14J
385
505
620(558~682)
50
1025
4500
6000
128
190
0.6
320
681KD14
681KD14J
420
560
680(612~748)
50
1120
4500
6000
130
200
0.6
290
751KD14
751KD14J
460
615
750(675~825)
50
1240
4500
6000
143
210
0.6
270
781KD14
781KD14J
485
640
780(702~858)
50
1290
4500
6000
148
220
0.6
260
821KD14
821KD14J
510
670
820(738~902)
50
1355
4500
6000
157
235
0.6
240
911KD14
911KD14J
550
745
910(819~1001)
50
1500
4500
6000
175
255
0.6
220
102KD14
102KD14J
625
825
1000(900~1100)
50
1650
4500
6000
190
280
0.6
200
112KD14
112KD14J
680
895
1100(990~1210)
50
1815
4500
6000
213
310
0.6
180
122KD14
122KD14J
750
990
1200(1080~1320)
50
1980
4500
6000
232
324
0.6
160
142KD14
142KD14J
880
1140
1400(1260~1540)
50
2310
4500
6000
238
327
0.6
150
162KD14
162KD14J
1000
1280
1600(1440~1760)
50
2640
4500
6000
243
331
0.6
140
182KD14
182KD14J
1100
1465
1800(1620~1980)
50
2970
4500
5000
250
335
0.6
130
Notes: 1. The tolerance of varistor voltage between 18V and 27V is more than 10%.
2. Varistor voltage≥1200V, structure diagram is F type.
3. Leakage Current (@83% of V1mA):IR≤50μA (180K~680K) ; IR≤25μA (820K~182K)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn