Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

220KD14J Datasheet(PDF) 3 Page - YAGEO Corporation

Part No. 220KD14J
Description  METAL OXIDE VARISTORS POWER SUPPLY
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YAGEO [YAGEO Corporation]
Homepage  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

220KD14J Datasheet(HTML) 3 Page - YAGEO Corporation

  220KD14J Datasheet HTML 1Page - YAGEO Corporation 220KD14J Datasheet HTML 2Page - YAGEO Corporation 220KD14J Datasheet HTML 3Page - YAGEO Corporation 220KD14J Datasheet HTML 4Page - YAGEO Corporation 220KD14J Datasheet HTML 5Page - YAGEO Corporation 220KD14J Datasheet HTML 6Page - YAGEO Corporation 220KD14J Datasheet HTML 7Page - YAGEO Corporation 220KD14J Datasheet HTML 8Page - YAGEO Corporation 220KD14J Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
13
Product Specification
14D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Feb. 12, 2019 V.0
Dimensions
D
K≤3.0
d
D
K≤3.0
d1
T
O Type
d
e
F
F Type
D
d
F
T
Table 1
Unit: mm
Table 2
Unit: mm
Symbol
Dimension
Model
T
e
Model
T
e
H
14.5~20.0
180K
2.0~3.9
1.5
361K
2.9~5.2
2.7
H1
17.0~21.0
220K
2.1~4.0
1.6
391K
3.0~5.4
2.8
L(min.)
20.0
270K
2.1~4.1
1.8
431K
3.2~5.6
3.0
L1(min.)
15.0
330K
2.2~4.3
1.7
471K
3.3~5.8
3.2
D
14.0~16.5
390K
2.1~4.1
1.8
511K
3.4~6.1
3.4
F
7.5± 0.8/10.0± 1.0
470K
2.2~4.3
1.9
561K
3.6~6.4
3.6
T
Table 2
560K
2.3~4.6
2.1
621K
3.8~6.8
3.9
e(±0.8)
Table 2
680K
2.4~4.8
2.4
681K
4.0~7.1
4.2
d(±0.05)
0.8
820K
2.1~4.1
1.8
751K
4.3~7.2
4.3
d1(±0.4)
1.4
101K
2.4~4.2
2.0
781K
4.4~7.3
4.4
121K
2.4~4.4
2.2
821K
4.6~7.5
4.6
151K
2.2~4.1
1.8
911K
4.8~7.5
5.0
181K
2.3~4.2
1.9
102K
5.4~8.0
5.0
201K
2.4~4.3
2.0
112K
5.8~8.5
5.4
221K
2.5~4.4
2.1
122K
5.9~9.0
5.8
241K
2.6~4.5
2.2
142K
6.9~10.5
6.6
271K
2.6~4.6
2.4
162K
7.4~11.0
7.4
301K
2.7~4.6
2.5
182K
7.6~12.0
8.2
331K
2.7~5.0
2.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn