Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

220KD14J Datasheet(PDF) 12 Page - YAGEO Corporation

Part No. 220KD14J
Description  METAL OXIDE VARISTORS POWER SUPPLY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

220KD14J Datasheet(HTML) 12 Page - YAGEO Corporation

Back Button 220KD14J Datasheet HTML 5Page - YAGEO Corporation 220KD14J Datasheet HTML 6Page - YAGEO Corporation 220KD14J Datasheet HTML 7Page - YAGEO Corporation 220KD14J Datasheet HTML 8Page - YAGEO Corporation 220KD14J Datasheet HTML 9Page - YAGEO Corporation 220KD14J Datasheet HTML 10Page - YAGEO Corporation 220KD14J Datasheet HTML 11Page - YAGEO Corporation 220KD14J Datasheet HTML 12Page - YAGEO Corporation 220KD14J Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
13
Product Specification
14D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Feb. 12, 2019 V.0
Marking Code
VDE
XXX Y
XXXKDXXX
① Brightking Logo
② Varistor Voltage
③ UL Accreditation Logo
④ CSA Accreditation Logo
⑤ VDE Accreditation Logo
⑥“J”is High Surge Code, no“J”is Standard Surge
⑦ Disk Size
⑧Product Line Code (
“Y”may be A(a) thru Z(z))
⑨ Date Code
Taping Dimensions
P2
P
H
B
P1
P0
F
W2
W1
t
h
D0
Symbol
Dimensions (mm)
P
25.4±1.0
P0
12.7±1.0
P1
8.95±0.7
P2
12.7±1.3
F
7.5±0.8
h
0±4
W
18.0±1.0
W0
12.0±1.0
W1
9.0±0.5
W2
3.0max
H
20.0±2.0
D0
4.0±0.2
t
0.6±0.3
B
40max


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn