Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

220KD14J Datasheet(PDF) 7 Page - YAGEO Corporation

Part No. 220KD14J
Description  METAL OXIDE VARISTORS POWER SUPPLY
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YAGEO [YAGEO Corporation]
Homepage  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

220KD14J Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button 220KD14J Datasheet HTML 3Page - YAGEO Corporation 220KD14J Datasheet HTML 4Page - YAGEO Corporation 220KD14J Datasheet HTML 5Page - YAGEO Corporation 220KD14J Datasheet HTML 6Page - YAGEO Corporation 220KD14J Datasheet HTML 7Page - YAGEO Corporation 220KD14J Datasheet HTML 8Page - YAGEO Corporation 220KD14J Datasheet HTML 9Page - YAGEO Corporation 220KD14J Datasheet HTML 10Page - YAGEO Corporation 220KD14J Datasheet HTML 11Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
13
Product Specification
14D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Feb. 12, 2019 V.0
Mechanical Characteristics
Items
Test conditions / Methods
Specifications
Tensile Strength
of Terminals
Gradually applying the force specified and keeping the unit
fixed for 10±1 sec.
Terminal diameter (mm)
0.5<d≤0.8
0.8<d≤1.25
1.25<d
1.0
2.0
4.0
Force (kg)
No visible damage
|
V
1mA/V1mA |≤5%
Bending Strength
of Terminals
Hold specimen and apply the force specified below to each
lead. Bend the specimen to 90°, then return to the original
position. Repeat the procedure in the opposite direction.
Terminal diameter (mm)
0.5<d≤0.8
0.8<d≤1.25
1.25<d
0.5
1.0
2.0
Force (kg)
No visible damage
|
V
1mA/V1mA |≤5%
Vibration
Frequency range: 10~55 Hz
Amplitude: 0.75mm or 98m/s
2
Direction: 3 mutually perpendicular directions, 2hrs each.
No visible damage
|
V
1mA/V1mA |≤5%
Solder ability
Solder Temp: 245±5℃
Dipping Time: 2±0.5 sec
At least 95% of terminal
electrode is covered by
new solder
Resistance to
Soldering Heat
Solder Temp: 260±5℃
Dipping Time: 10±1 sec
No visible damage
|
V
1mA/V1mA |≤10%
Reliability
Items
Test conditions / Methods
Specifications
High Temperature
Storage
Ambient Temp: 125±2℃
Duration: 1000hrs
| V
1mA/V1mA |≤5%
Low Temperature
Storage
Ambient Temp: -40±2℃
Duration: 1000hrs
| V
1mA/V1mA |≤5%
Humidity
Ambient Temp: 40±2℃, 90~95% R.H.
Duration: 1000hrs
| V
1mA/V1mA |≤5%
Temperature Cycle
The conditions shown below shall be repeated 5 cycles
Step
Temperature (℃)
Period (minutes)
1
-40±3
30±3
2
Room temperature
15±3
3
125±3
30±3
4
Room temperature
15±3
No visible damage
| V
1mA/V1mA |≤5%
High Temperature
Load
Ambient Temp: 105±2℃
Duration: 1000hrs
Load: Max. Allowable Voltage In AC eara.
| V
1mA/V1mA|≤10%
Damp Heat Load
Ambient Temp: 40±2℃, 90~95% R.H.
Duration: 1000hrs
Load: Max. Allowable Voltage
No visible damage
| V
1mA/V1mA |≤10%
Voltage Proof
Metal balls method, 2500Vac 1 min.
No visible damage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn