Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

221KD14 Datasheet(PDF) 6 Page - YAGEO Corporation

Part # 221KD14
Description  METAL OXIDE VARISTORS POWER SUPPLY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

221KD14 Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button 221KD14 Datasheet HTML 2Page - YAGEO Corporation 221KD14 Datasheet HTML 3Page - YAGEO Corporation 221KD14 Datasheet HTML 4Page - YAGEO Corporation 221KD14 Datasheet HTML 5Page - YAGEO Corporation 221KD14 Datasheet HTML 6Page - YAGEO Corporation 221KD14 Datasheet HTML 7Page - YAGEO Corporation 221KD14 Datasheet HTML 8Page - YAGEO Corporation 221KD14 Datasheet HTML 9Page - YAGEO Corporation 221KD14 Datasheet HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
13
Product Specification
14D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Feb. 12, 2019 V.0
Soldering Recommendation
Wave Lead Free Soldering Recommendation
300
4
250
200
150
100
50
0
Time (minutes)
0
0.5
1
1.5
2
2.5
3
3.5
Soldering
Preheating
Maximum Wave 265℃
Cooling
Item
Conditions
Peak Temperature
265℃
Dipping Time
10 seconds (max.)
Soldering
1 time
Recommendation Reworking Conditions with Soldering Iron
Item
Conditions
Temperature of Soldering Iron-tip
360℃ (max.)
Soldering Time
3 seconds (max.)
Distance from Varistor
2mm (min.)


Similar Part No. - 221KD14

ManufacturerPart #DatasheetDescription
logo
BRIGHTKING (SHENZHEN) C...
221KD14 BRIGHTKING-221KD14 Datasheet
715Kb / 12P
   Metal Oxide Varistor (MOV) Data Sheet
221KD14J BRIGHTKING-221KD14J Datasheet
715Kb / 12P
   Metal Oxide Varistor (MOV) Data Sheet
logo
Micro Commercial Compon...
221KD14JX MCC-221KD14JX Datasheet
117Kb / 6P
   11 to 1000 Volts Varistor 5.2 to 510 Joule
221KD14NX MCC-221KD14NX Datasheet
611Kb / 5P
   7 to 1000 Volts Varistor 4.2 to 336.0 Joule
More results

Similar Description - 221KD14

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com