Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E171 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100E171
Description  3-BIT 4:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E171 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100E171 Datasheet HTML 1Page - ON Semiconductor MC100E171 Datasheet HTML 2Page - ON Semiconductor MC100E171 Datasheet HTML 3Page - ON Semiconductor MC100E171 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 2
© Motorola, Inc. 1996
12/93
3Bit 4:1 Multiplexer
The MC10E/100E171 contains three 4:1 multiplexers with differential
outputs. Separate Select controls are provided for the leading 2:1 mux
pairs (see logic symbol). The three Select inputs control which one of the
four data inputs in each case is propagated to the corresponding output.
725ps Max. D to Output
Split Select
Differential Outputs
Extended 100E VEE Range of – 4.2V to – 5.46V
75kΩ Input Pulldown Resistors
PIN NAMES
Pin
Function
D0x – D2x
Data Inputs
SEL1A, SEL1B
First-stage Select Inputs
SEL2
Second-stage Select Input
Q0 – Q2
True Output
Q0 – Q2
Inverted Output
FUNCTION TABLE
Pin
State
Operation
SEL2
H
Output c/d data
SEL1A
H
Input d data
SEL1B
H
Input b data
MC10E171
MC100E171
3-BIT 4:1
MULTIPLEXER
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02
D0b
D0c
D0d VCCO
VCCO
D2a
D2b
D2c
D2d
D1a
D1d
D0a
D1b
LOGIC DIAGRAM
SEL1A
SEL1B
SEL2
VEE
NC
NC
D1c
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
5
6
7
8
9
10
Q2
Q2
VCC
Q1
Q1
VCCO
Q0
Q0
D0a
D0b
D0c
D0d
D1a
D1b
D1c
D1d
D2a
D2b
D2c
D2d
SEL1A
SEL1B
SEL2
Q0
Q0
Q1
Q1
Q2
Q2
2:1
MUX
SEL
2:1
MUX
SEL
2:1
MUX
SEL
2:1
MUX
SEL
2:1
MUX
SEL
2:1
MUX
SEL
2:1
MUX
SEL
2:1
MUX
SEL
2:1
MUX
SEL
1
Pinout: 28-Lead PLCC (Top View)
* All VCC and VCCO pins are tied together on the die.


Similar Part No. - MC100E171

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E171 ONSEMI-MC100E171 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
MC100E171FN ONSEMI-MC100E171FN Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
MC100E171FNG ONSEMI-MC100E171FNG Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
MC100E171FNR2 ONSEMI-MC100E171FNR2 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
MC100E171FNR2G ONSEMI-MC100E171FNR2G Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
More results

Similar Description - MC100E171

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E171 MICREL-SY10E171_06 Datasheet
61Kb / 4P
   3-BIT 4:1 MULTIPLEXER
SY10E171 MICREL-SY10E171 Datasheet
60Kb / 4P
   3-BIT 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10E171 ONSEMI-MC10E171_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
logo
List of Unclassifed Man...
8263 ETC1-8263 Datasheet
149Kb / 3P
   3-INPUT 4-BIT DIGITAL MULTIPLEXER
logo
Toshiba Semiconductor
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
logo
Integrated Circuit Syst...
ICS83054I-01 ICST-ICS83054I-01 Datasheet
216Kb / 12P
   4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83054I-01 RENESAS-83054I-01 Datasheet
385Kb / 15P
   4-Bit, 2:1, Single-Ended Multiplexer
December 15, 2015
logo
NXP Semiconductors
74F253 PHILIPS-74F253 Datasheet
80Kb / 10P
   Dual 4-bit input multiplexer 3-State
1988 Nov 29
logo
Texas Instruments
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com