Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT310J Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT310J
Description  10 Channel Automotive LED Display Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT310J Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT310J Datasheet HTML 1Page - Catalyst Semiconductor CAT310J Datasheet HTML 2Page - Catalyst Semiconductor CAT310J Datasheet HTML 3Page - Catalyst Semiconductor CAT310J Datasheet HTML 4Page - Catalyst Semiconductor CAT310J Datasheet HTML 5Page - Catalyst Semiconductor CAT310J Datasheet HTML 6Page - Catalyst Semiconductor CAT310J Datasheet HTML 7Page - Catalyst Semiconductor CAT310J Datasheet HTML 8Page - Catalyst Semiconductor CAT310J Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT310
© 2005 Catalyst Semiconductor, Inc.
3
Doc No. 25087, Rev. 00
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS
Switching Characteristics VCC = 5.0V, -40ºC ≤ TA ≤ 125 ºC, over recommended operating conditions unless
specified otherwise.
Symbol
Name
Conditions
Min
Typ
Max
Units
SCLK
fSCLK
SCLK Clock Frequency
10
MHz
twh/wl
SCLK Pulse width
High or Low
30
ns
SIN
tsu
Setup time SIN to SCLK
10
ns
th
Hold time SIN to SCLK
10
ns
XLAT
tw
XLAT Pulse width
SIN to SCLK
20
ns
th
Hold time
SCLK to XLAT
20
ns
tr
SOUT rise time (10% to 90%)
CL = 15pF
20
ns
tf
SOUT fall time (90% to 10%)
CL = 15pF
15
ns
tpd
Propagation delay time
Blank ↑ to OUT(n)
25
ns
tpd
Propagation delay time
Blank ↓ to OUT(n)
25
ns
tpd
Propagation delay time
SCLK to SOUT
25
ns
All logic inputs contain Schmitt trigger inputs.
BLOCK DIAGRAM


Similar Part No. - CAT310J

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT310 CATALYST-CAT310 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT310 CATALYST-CAT310 Datasheet
510Kb / 11P
   10 Channel Automotive LED Display Driver
logo
ON Semiconductor
CAT310 ONSEMI-CAT310 Datasheet
151Kb / 10P
   10 Channel Automotive LED Display Driver
November, 2009 ??Rev. 2
logo
Catalyst Semiconductor
CAT310W CATALYST-CAT310W Datasheet
510Kb / 11P
   10 Channel Automotive LED Display Driver
logo
ON Semiconductor
CAT310W ONSEMI-CAT310W Datasheet
291Kb / 11P
   10 Channel Automotive LED Display Driver
Doc. No. 25087, Rev. 2
More results

Similar Description - CAT310J

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT310W ONSEMI-CAT310W Datasheet
291Kb / 11P
   10 Channel Automotive LED Display Driver
Doc. No. 25087, Rev. 2
CAT310 ONSEMI-CAT310 Datasheet
151Kb / 10P
   10 Channel Automotive LED Display Driver
November, 2009 ??Rev. 2
logo
Catalyst Semiconductor
CAT310 CATALYST-CAT310_07 Datasheet
510Kb / 11P
   10 Channel Automotive LED Display Driver
logo
Texas Instruments
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   Automotive Single-Channel LED Driver
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
   10 Channel LED Backlight Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
   LED DISPLAY DRIVER
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com