Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TT2228 Datasheet(PDF) 2 Page - TEMCo Industrial.

Part No. TT2228
Description  TEMCo Control Transformer - Wiring Diagram
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMCO [TEMCo Industrial.]
Direct Link  https://temcoindustrial.com/
Logo TEMCO - TEMCo Industrial.

TT2228 Datasheet(HTML) 2 Page - TEMCo Industrial.

  TT2228 Datasheet HTML 1Page - TEMCo Industrial. TT2228 Datasheet HTML 2Page - TEMCo Industrial. TT2228 Datasheet HTML 3Page - TEMCo Industrial. TT2228 Datasheet HTML 4Page - TEMCo Industrial.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Corporate Headquarters:
TEMCo - Tower Electric Motor Company
41484 Christy Street
Inside USA: (877) 474-8209
International:
Fax:
www.temcoindustrialpower.com
TEMCo Control Transformer - Specications
Specications may vary slightly from the information provided. For certied drawings and information, please contact a TEMCo representative.
Input Voltage:
Output Voltage:
Subtype:
Phase:
Frequency (Hz):
VA:
K Rating:
Primary conguration:
Secondary conguration:
Reverse connectable:
Winding material:
Electrostatic shielded:
Temperature rise:
Insulation system:
Enclosure raing:
Construction style:
Mounting type:
Connection type:
Cooling:
UL Listed:
CSA Approved:
Other agency approvals:
Sound level:
Warranty:
600
220
Control
Single
60
25 to 7500 VA (25, 50 , 100, 150, 200, 250, 350, 500, 750,
1000, 1500, 2000, 3000, 5000, 7500)
1
One Winding
One Winding
No
Copper
No
80°C (25 to 1000 VA)
100°C (1500 to 7500 VA)
130°C (25 to 1000 VA)
155°C (1500 to 7500 VA)
Open
Open - Core & Coil
Base/Panel
Screw Terminals
Air/Dry
Yes
Yes
CE Veried (up to and including 5000 VA)
Less than 40 db
10 Years
INDUSTRIAL POWER SUPPLY
TT2217 - TT2231
Fremont, CA 94538
(510) 490-2187
(510) 490-1507


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn