Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TT2228 Datasheet(PDF) 1 Page - TEMCo Industrial.

Part No. TT2228
Description  TEMCo Control Transformer - Wiring Diagram
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMCO [TEMCo Industrial.]
Direct Link  https://temcoindustrial.com/
Logo TEMCO - TEMCo Industrial.

TT2228 Datasheet(HTML) 1 Page - TEMCo Industrial.

  TT2228 Datasheet HTML 1Page - TEMCo Industrial. TT2228 Datasheet HTML 2Page - TEMCo Industrial. TT2228 Datasheet HTML 3Page - TEMCo Industrial. TT2228 Datasheet HTML 4Page - TEMCo Industrial.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Corporate Headquarters:
TEMCo - Tower Electric Motor Company
41484 Christy Street
Inside USA: (877) 474-8209
International:
Fax:
www.temcoindustrialpower.com
TEMCo Control Transformer - Data Sheet
Specications may vary slightly from the information provided. For certied drawings and information, please contact a TEMCo representative.
Input Voltage:
Output Voltage:
600
220
INDUSTRIAL POWER SUPPLY
TT2217 - TT2231
Fremont, CA 94538
(510) 490-2187
(510) 490-1507
TEMCo Industrial Control Transformers are used to convert all standard international voltages. Many models are
dual frequency rated for 50 and 60 Hz. TEMCo’s transformers are built to last, guaranteed! That's why we back
these with a decade long warranty.
Our industrial control transformers change supply voltages for the operation of components such as contactors,
solenoids, relays, and timers. They accommodate momentary current inrush produced when electromagnetic
components are energized without compromising secondary voltage stability. Maximum Safety is assured
through the secondary control circuit which is isolated from the primary line circuit.
Voltage regulation of TEMCo Industrial Control Transformers exceeds standards recommended by the National
Electrical Manufacturers Association. Secondary circuit voltage drop between no-load and momentary overload
remains exceptionally low, maintaining excellent voltage regulation.
TEMCo has the capability to wind any custom control transformer with no penalty for small quantities. Please call
us with your requirements for a Fast Turnaround Quote.
- Built to order FAST in 1 week
- 10 Year Warranty - Guaranteed to Last.
- Copper Windings - Standard on all units.
- 130°C Insulation class. 80°C temperature rise (25-1000 VA models).
- 155°C Insulation class. 100°C temperature rise (1500-7500 VA models).
- Easy Wiring - Solid terminals with combination screw connections.
- Clear Terminals Marking - Identied with additive polarity markings.
- Versatile - Models with multi-voltage primary and secondary increase
applications possible.
- Silicon Steel Lamination - Minimize core losses and increase eciency.
- Excellent Regulation - Designs incorporate precision wound coils layers and
exceed NEMA requirements.
- High Eciency and Heat Dissipation - Every coil is precision bobbin-wound .
- Versatile Mounting - Vertically or horizontally.
- CSA Certied & UL Listed
- CE veried up to and including 5000 VA.
Product Features:


Similar Part No. - TT2228

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
TT22 ETC2-TT22 Datasheet
988Kb / 20P
   BEAM TETRODES
Sanyo Semicon Device
Sanyo Semicon Device
TT2202 SANYO-TT2202 Datasheet
46Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
List of Unclassifed Manufacturers
List of Unclassifed Man...
TT2202 ETC2-TT2202 Datasheet
7Mb / 4P
   TEMCo Control Transformer
TT2203 ETC2-TT2203 Datasheet
7Mb / 4P
   TEMCo Control Transformer
TT2204 ETC2-TT2204 Datasheet
7Mb / 4P
   TEMCo Control Transformer
More results

Similar Description - TT2228

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
TT2202 ETC2-TT2202 Datasheet
7Mb / 4P
   TEMCo Control Transformer
TRIAD MAGNETICS
TRIAD MAGNETICS
TCT50-03E07K TRIAD-TCT50-03E07K Datasheet
43Kb / 1P
   Control Transformer
TCT50-04E07K TRIAD-TCT50-04E07K Datasheet
43Kb / 1P
   Control Transformer
TCT50-05E07AB TRIAD-TCT50-05E07AB Datasheet
43Kb / 1P
   Control Transformer
TCT50-07E07AE TRIAD-TCT50-07E07AE Datasheet
40Kb / 1P
   Control Transformer
TCT50-08E07AE TRIAD-TCT50-08E07AE Datasheet
40Kb / 1P
   Control Transformer
TCT3-04E07AE TRIAD-TCT3-04E07AE Datasheet
40Kb / 1P
   Control Transformer
TCT3-11E07AE TRIAD-TCT3-11E07AE Datasheet
40Kb / 1P
   Control Transformer
TCT40-06E07K TRIAD-TCT40-06E07K Datasheet
43Kb / 1P
   Control Transformer
TCT40-08E07AB TRIAD-TCT40-08E07AB Datasheet
43Kb / 1P
   Control Transformer
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz