Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TT2222 Datasheet(PDF) 3 Page - TEMCo Industrial.

Part No. TT2222
Description  TEMCo Control Transformer - Wiring Diagram
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMCO [TEMCo Industrial.]
Direct Link  https://temcoindustrial.com/
Logo TEMCO - TEMCo Industrial.

TT2222 Datasheet(HTML) 3 Page - TEMCo Industrial.

  TT2222 Datasheet HTML 1Page - TEMCo Industrial. TT2222 Datasheet HTML 2Page - TEMCo Industrial. TT2222 Datasheet HTML 3Page - TEMCo Industrial. TT2222 Datasheet HTML 4Page - TEMCo Industrial.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Corporate Headquarters:
TEMCo - Tower Electric Motor Company
41484 Christy Street
Inside USA: (877) 474-8209
International:
Fax:
www.temcoindustrialpower.com
TEMCo Control Transformer - Dimensions & Weights
Specications may vary slightly from the information provided. For certied drawings and information, please contact a TEMCo representative.
Input Voltage:
Output Voltage:
600
220
INDUSTRIAL POWER SUPPLY
TT2217 - TT2231
Fremont, CA 94538
(510) 490-2187
(510) 490-1507
Note: All dimensions are +/- 0.06 in. except for dimension “C,” which is +/- 0.25 in.
Dimensions (in inches)
Part #
VA
A
B
C
D
E
Mounting Holes Weight (lbs.)
25
3
2.5
2.77
1.98
2.5
0.21 x 0.625
1.25
50
3
2.5
3
2.25
2.5
0.21 x 0.625
2.25
100
3
2.5
3.27
2.5
2.5
0.21 x 0.625
2.75
150
3.75
3.13
4.02
3
3.13
0.21 x 0.625
5.75
200
3.75
3.13
4.59
3.25
3.13
0.21 x 0.625
6
250
4.5
3.75
4.15
2.75
3.75
0.21 x 0.625
7.5
350
4.5
3.75
5.2
3.75
3.75
0.21 x 0.625
11
500
5.25
4.38
4.95
3.12
4.38
0.28 x 0.56
12.5
750
5.25
4.38
6
4.12
4.38
0.28 x 0.56
19
1000
5.25
4.38
6.7
5.12
4.38
0.28 x 0.56
25
1500
7.5
6.25
6.75
3.5
6.75
0.31 x 0.688
36
2000
7.5
6.25
7.75
4.5
6.75
0.31 x 0.688
39
3000
7.5
6.25
9.75
6.5
6.75
0.31 x 0.688
59
5000
9
8
9.75
6.5
8
0.31 x 0.688
91
7500
9
8
11.75
8.5
8
0.31 x 0.688
115
C
D
B
A
E
TT2217
TT2218
TT2219
TT2220
TT2221
TT2222
TT2223
TT2224
TT2225
TT2226
TT2227
TT2228
TT2229
TT2230
TT2231


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn