Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENF471D05A Datasheet(PDF) 1 Page - Fuji Electric

Part # ENF471D05A
Description  220 TO 680V (VARISTOR VOLTAGE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ENF471D05A Datasheet(HTML) 1 Page - Fuji Electric

  ENF471D05A Datasheet HTML 1Page - Fuji Electric ENF471D05A Datasheet HTML 2Page - Fuji Electric ENF471D05A Datasheet HTML 3Page - Fuji Electric ENF471D05A Datasheet HTML 4Page - Fuji Electric ENF471D05A Datasheet HTML 5Page - Fuji Electric ENF471D05A Datasheet HTML 6Page - Fuji Electric ENF471D05A Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
· Flame-resistant
Suppress combustion and smoking after a malfunction caused by larger
surge than the specified value
· Environment-friendly materials
Adopts newly developed halogen-free resin mold and the Pb-free plated
lead wires
· High reliability
Greatly improved heat-cycle resistance
· Small size and high performance
· Ratings and specifications are same as the conventional ENE series.
*1 The waveform of the maximum DC applied voltage is flat.
When a ripple voltage as from a rectifier source is applied, make
sure that the peak voltage is within the Vdcm rating.
The AC applied voltage (50/60Hz) is a sine waveform.
When waveform distortion is extensive, make sure that the peak
voltage is less than 2 times the Vacm rating.
*2 Energy Wtm
Transient energy rating are given in the Wtm column in Joules (Watt-
second). The rating is the maximum allowable energy of a single 2ms
square-waveform impulse current continuously applied.
Energy ratings are based on a shift of Vnom of less than ±10% of
the initial value.
FUJI Ceramic Surge Absorbers
Z-TRAP
ENF series
220 to 680V (Varistor voltage)
Operating ambient temperature: -40°C to +85°C
Storage temperature: -40°C to +125°C
*3 Transient peak current (Itm)
The peak current rating, Itm, is based on 8/20µs test impulse wave
form. This peak current is the maximum peak current at which the
nominal varistor voltage shift dose not exceed ±10% when the test
impulse is applied twice at a 5 minute interval.
*4 Nominal varistor voltage: Vnom
Indicates the varistor terminal voltage measured with 1mA DC
applied. 05A type 0.1mA DC
*5 Maximum clamping voltage: Vc
Indicates the peak terminal voltage measured with 8/20µs impulse
current applied.
ENF221D05A
140
180
6.5
0.1
700
220
198
242
380
5
170
ENF221D07A
13.5
0.25
1350
360
10
350
ENF221D10A
28.0
0.4
2750
360
25
700
ENF221D14A
55.0
0.6
5500
360
50
1400
ENF241D05A
150
200
7.5
0.1
700
240
216
264
415
5
170
ENF241D07A
15.0
0.25
1350
395
10
350
ENF241D10A
30.0
0.4
2750
395
25
700
ENF241D14A
60.0
0.6
5500
395
50
1300
ENF271D05A
175
225
8.0
0.1
700
270
247
303
475
5
150
ENF271D07A
17.0
0.25
1350
455
10
300
ENF271D10A
35.0
0.4
2750
455
25
600
ENF271D14A
70.0
0.6
5500
455
50
1200
ENF471D05A
300
385
15.0
0.1
700
470
423
517
810
5
80
ENF471D07A
30.0
0.25
1350
775
10
170
ENF471D10A
60.0
0.4
2750
775
25
350
ENF471D14A
125.0
0.6
5500
775
50
700
ENF511D10A
320
410
67.0
0.4
2500
510
459
561
845
25
300
ENF511D14A
136.0
0.6
4500
845
50
650
ENF621D10A
385
505
67.0
0.4
2500
620
558
682
1025
25
270
ENF621D14A
136.0
0.6
4500
1025
50
550
ENF681D10A
420
560
67.0
0.4
2500
680
612
748
1120
25
250
ENF681D14A
136.0
0.6
4500
1120
50
500
Device
Maximum rating
Characteristics
type
Applied voltage *1 Transient
Nominal varistor voltage *4
Max. clamping *5
Typical
RMS
DC
Energy *2 Average
Peak *3
voltage @test
capaci-
50Hz/60Hz
power
current
current
tance
dissipation (8/20µs)
(8/20µs)
Tolerance
Vacm
Vdcm
Wtm
Ptam
Itm
Vnom
Min.
Max
Vc
Ip
f=1kHz
[Volts]
[Volts]
[Joules]
[Watts]
[Amps]
[Volts]
[Volts]
[Volts]
[Volts]
[Amps]
[pF]
Quality is our message
Quality is our message
Quality is our message
Quality is our message
Quality is our message
Ratings and characteristics
1


Similar Part No. - ENF471D05A

ManufacturerPart #DatasheetDescription
logo
Energizer
ENFAT41E ENERGIZER-ENFAT41E Datasheet
248Kb / 1P
   Tripod Multifunction Light
ENFFL81E ENERGIZER-ENFFL81E Datasheet
242Kb / 1P
   Folding Lantern
ENFHHL41E ENERGIZER-ENFHHL41E Datasheet
239Kb / 1P
   2-in-1 Handheld Flashlight
ENFPU41E ENERGIZER-ENFPU41E Datasheet
231Kb / 1P
   Mini Pop-Up Lantern
More results

Similar Description - ENF471D05A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ7905 ETC1-CJ7905 Datasheet
44Kb / 1P
   TO-220 Encapsulate Voltage Regulator
logo
ZP Semiconductor
CJ7912-TO220-3L ZPSEMI-CJ7912-TO220-3L Datasheet
595Kb / 1P
   TO-220-3L Encapsulate Voltage Regulators
logo
Seme LAB
LM7800-220M SEME-LAB-LM7800-220M Datasheet
21Kb / 2P
   POSITIVE VOLTAGE REGULATOR TO 220 M
logo
List of Unclassifed Man...
L7809 ETC-L7809 Datasheet
284Kb / 3P
   TO-220 Plastic-Encapsulate Voltage Regulator
E,Oct,2014
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
logo
Stackpole Electronics, ...
ZVL SEI-ZVL Datasheet
1Mb / 6P
   Low Voltage Leaded Varistor
02/15/2021
CVH SEI-CVH Datasheet
258Kb / 4P
   Medium Voltage Leaded Varistor
08/09/2019
logo
New Jersey Semi-Conduct...
2N5191 NJSEMI-2N5191 Datasheet
92Kb / 1P
   TO-220
logo
Fuji Electric
ENE201D-05A FUJI-ENE201D-05A Datasheet
228Kb / 7P
   Z-TRAP ENE(Nominal varistor voltage 200 to 470V
logo
ZP Semiconductor
CJ7815-TO220-3L ZPSEMI-CJ7815-TO220-3L Datasheet
574Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com