Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAT24WC66 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part No. CAT24WC66
Description  64K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CATALYST [Catalyst Semiconductor]
Homepage  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC66 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24WC66 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC66 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC66 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC66 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC66 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC66 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC66 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC66 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC66 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT24WC66
3
Doc. No. 1037, Rev. H
Write Cycle Limits
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
10
ms
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.
A.C. CHARACTERISTICS
VCC = +1.8V to +6V, unless otherwise specified
Output Load is 1 TTL Gate and 100pF
Read & Write Cycle Limits
Power-Up Timing (1)(2)
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
R
U
P
n
o
i
t
a
r
e
p
O
d
a
e
R
o
t
p
U
-
r
e
w
o
P1
s
m
t
W
U
P
n
o
i
t
a
r
e
p
O
e
t
i
r
W
o
t
p
U
-
r
e
w
o
P1
s
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
V
5
.
2
-
V
8
.
1V
5
.
5
-
V
5
.
4
s
t
i
n
U
n
i
Mx
a
Mn
i
Mx
a
M
L
C
S
Fy
c
n
e
u
q
e
r
F
k
c
o
l
C0
0
10
0
4z
H
k
T
I
)
1
(
t
a
t
n
a
t
s
n
o
C
e
m
i
T
n
o
i
s
s
e
r
p
p
u
S
e
s
i
o
N
s
t
u
p
n
I
A
D
S
,
L
C
S
0
0
20
0
2s
n
t
A
A
d
n
a
t
u
O
a
t
a
D
A
D
S
o
t
w
o
L
L
C
S
t
u
O
K
C
A
5
.
31
s
µ
t
F
U
B
)
1
(
a
e
r
o
f
e
B
e
e
r
F
e
b
t
s
u
M
s
u
B
e
h
t
e
m
i
T
t
r
a
t
S
n
a
C
n
o
i
s
s
i
m
s
n
a
r
T
w
e
N
7
.
42
.
1s
µ
t
A
T
S
:
D
H
e
m
i
T
d
l
o
H
n
o
i
t
i
d
n
o
C
t
r
a
t
S4
6
.
0s
µ
t
W
O
L
d
o
i
r
e
P
w
o
L
k
c
o
l
C7
.
42
.
1s
µ
t
H
G
I
H
d
o
i
r
e
P
h
g
i
H
k
c
o
l
C4
6
.
0s
µ
t
A
T
S
:
U
S
a
r
o
f
(
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
t
r
a
t
S
)
n
o
i
t
i
d
n
o
C
t
r
a
t
S
d
e
t
a
e
p
e
R
7
.
46
.
0s
µ
t
T
A
D
:
D
H
e
m
i
T
d
l
o
H
n
I
a
t
a
D0
0
s
n
t
T
A
D
:
U
S
e
m
i
T
p
u
t
e
S
n
I
a
t
a
D0
50
5s
n
t
R
)
1
(
e
m
i
T
e
s
i
R
L
C
S
d
n
a
A
D
S1
3
.
0s
µ
t
F
)
1
(
e
m
i
T
ll
a
F
L
C
S
d
n
a
A
D
S0
0
30
0
3s
n
t
O
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
p
o
t
S4
6
.
0s
µ
t
H
D
e
m
i
T
d
l
o
H
t
u
O
a
t
a
D0
0
10
0
1s
n


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn