Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENF241D10A Datasheet(PDF) 3 Page - Fuji Electric

Part # ENF241D10A
Description  220 TO 680V (VARISTOR VOLTAGE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ENF241D10A Datasheet(HTML) 3 Page - Fuji Electric

  ENF241D10A Datasheet HTML 1Page - Fuji Electric ENF241D10A Datasheet HTML 2Page - Fuji Electric ENF241D10A Datasheet HTML 3Page - Fuji Electric ENF241D10A Datasheet HTML 4Page - Fuji Electric ENF241D10A Datasheet HTML 5Page - Fuji Electric ENF241D10A Datasheet HTML 6Page - Fuji Electric ENF241D10A Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Z-TRAP
FUJI Ceramic Surge Absorbers
ENF series 220 to 680V (Varistor voltage)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
200
300
400
500
600
700
800
900
1000
2000
3000
4000
5000
ENF511D10A
ENF681D10A
ENF621D10A
2500
ENF511D10A
ENF681D10A
ENF621D10A
Max. clamping voltage
Max. idle current
(ENF511D10A to ENF681D10A)
Transient V-I characteristic curves
Current [A]
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
200
300
400
500
600
700
800
900
1000
2000
3000
4000
5000
ENF
681
D14
A
ENF
511
D14
A
ENF
621
D14
A
ENF511D14A
ENF681D14A
ENF621D14A
4500
Max. clamping voltage
Max. idle current
(ENF511D14A to ENF681D14A)
Transient V-I characteristic curves
Current[A]
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
40
50
60
70
80
90
100
200
300
400
500
600
700
800
900
1000
2000
Max. clamping voltage
Max. idle current
ENF221D14A
ENF
221D
14A
ENF
241D
14A
ENF271D14A
ENF
471D
14A
ENF471D14A
ENF
271D
14A
ENF241D14A
(ENF221D14A to ENF471D14A)
Transient V-I characteristic curves
5500
Current [A]
3


Similar Part No. - ENF241D10A

ManufacturerPart #DatasheetDescription
logo
Energizer
ENFAT41E ENERGIZER-ENFAT41E Datasheet
248Kb / 1P
   Tripod Multifunction Light
ENFFL81E ENERGIZER-ENFFL81E Datasheet
242Kb / 1P
   Folding Lantern
ENFHHL41E ENERGIZER-ENFHHL41E Datasheet
239Kb / 1P
   2-in-1 Handheld Flashlight
ENFPU41E ENERGIZER-ENFPU41E Datasheet
231Kb / 1P
   Mini Pop-Up Lantern
More results

Similar Description - ENF241D10A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ7905 ETC1-CJ7905 Datasheet
44Kb / 1P
   TO-220 Encapsulate Voltage Regulator
logo
ZP Semiconductor
CJ7912-TO220-3L ZPSEMI-CJ7912-TO220-3L Datasheet
595Kb / 1P
   TO-220-3L Encapsulate Voltage Regulators
logo
Seme LAB
LM7800-220M SEME-LAB-LM7800-220M Datasheet
21Kb / 2P
   POSITIVE VOLTAGE REGULATOR TO 220 M
logo
List of Unclassifed Man...
L7809 ETC-L7809 Datasheet
284Kb / 3P
   TO-220 Plastic-Encapsulate Voltage Regulator
E,Oct,2014
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
logo
Stackpole Electronics, ...
ZVL SEI-ZVL Datasheet
1Mb / 6P
   Low Voltage Leaded Varistor
02/15/2021
CVH SEI-CVH Datasheet
258Kb / 4P
   Medium Voltage Leaded Varistor
08/09/2019
logo
New Jersey Semi-Conduct...
2N5191 NJSEMI-2N5191 Datasheet
92Kb / 1P
   TO-220
logo
Fuji Electric
ENE201D-05A FUJI-ENE201D-05A Datasheet
228Kb / 7P
   Z-TRAP ENE(Nominal varistor voltage 200 to 470V
logo
ZP Semiconductor
CJ7815-TO220-3L ZPSEMI-CJ7815-TO220-3L Datasheet
574Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com