Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENF241D05A Datasheet(PDF) 7 Page - Fuji Electric

Part # ENF241D05A
Description  220 TO 680V (VARISTOR VOLTAGE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ENF241D05A Datasheet(HTML) 7 Page - Fuji Electric

  ENF241D05A Datasheet HTML 1Page - Fuji Electric ENF241D05A Datasheet HTML 2Page - Fuji Electric ENF241D05A Datasheet HTML 3Page - Fuji Electric ENF241D05A Datasheet HTML 4Page - Fuji Electric ENF241D05A Datasheet HTML 5Page - Fuji Electric ENF241D05A Datasheet HTML 6Page - Fuji Electric ENF241D05A Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1. This Catalog contains the product specifications, characteristics, data, materials, and structures as of May 2005.
The contents are subject to change without notice for specification changes or other reasons. When using a product listed in this
Catalog, be sure to obtain the latest specifications.
2. All applications described in this Catalog exemplify the use of Fuji's products for your reference only. No right or license, either
express or implied, under any patent, copyright, trade secret or other intellectual property right owned by Fuji Electric Device
Technology Co., Ltd. is (or shall be deemed) granted. Fuji Electric Device Technology Co., Ltd. makes no representation or
warranty, whether express or implied, relating to the infringement or alleged infringement of other's intellectual property rights which
may arise from the use of the applications described herein.
3. Although Fuji Electric Device Technology Co., Ltd. is enhancing product quality and reliability, a small percentage of semiconductor
products may become faulty. When using Fuji Electric semiconductor products in your equipment, you are requested to take
adequate safety measures to prevent the equipment from causing a physical injury, fire, or other problem if any of the products
become faulty. It is recommended to make your design fail-safe, flame retardant, and free of malfunction.
4. The products introduced in this Catalog are intended for use in the following electronic and electrical equipment which has
normal reliability requirements.
• Computers
• OA equipment
• Communications equipment (terminal devices)
• Measurement equipment
• Machine tools
• Audiovisual equipment
• Electrical home appliances
• Personal equipment
• Industrial robots etc.
5. If you need to use a product in this Catalog for equipment requiring higher reliability than normal, such as for the equipment listed
below, it is imperative to contact Fuji Electric Device Technology Co., Ltd. to obtain prior approval. When using these products for
such equipment, take adequate measures such as a backup system to prevent the equipment from malfunctioning even if a Fuji's
product incorporated in the equipment becomes faulty.
• Transportation equipment (mounted on cars and ships)
• Trunk communications equipment
• Traffic-signal control equipment
• Gas leakage detectors with an auto-shut-off feature
• Emergency equipment for responding to disasters and anti-burglary devices
• Safety devices
6. Do not use products in this Catalog for the equipment requiring strict reliability such as (without limitation)
• Space equipment
• Aeronautic equipment
• Nuclear control equipment
• Submarine repeater equipment
• Medical equipment
7. Copyright
1996-2005 by Fuji Electric Device Technology Co., Ltd. All rights reserved.
No part of this Catalog may be reproduced in any form or by any means without the express permission of Fuji Electric Device
Technology Co., Ltd.
8. If you have any question about any portion in this Catalog, ask Fuji Electric Device Technology Co., Ltd. or its sales agents before
using the product.
Neither Fuji Electric Device Technology Co., Ltd. nor its agents shall be liable for any injury caused by any use of the products not in
accordance with instructions set forth herein.
WARNING


Similar Part No. - ENF241D05A

ManufacturerPart #DatasheetDescription
logo
Energizer
ENFAT41E ENERGIZER-ENFAT41E Datasheet
248Kb / 1P
   Tripod Multifunction Light
ENFFL81E ENERGIZER-ENFFL81E Datasheet
242Kb / 1P
   Folding Lantern
ENFHHL41E ENERGIZER-ENFHHL41E Datasheet
239Kb / 1P
   2-in-1 Handheld Flashlight
ENFPU41E ENERGIZER-ENFPU41E Datasheet
231Kb / 1P
   Mini Pop-Up Lantern
More results

Similar Description - ENF241D05A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ7905 ETC1-CJ7905 Datasheet
44Kb / 1P
   TO-220 Encapsulate Voltage Regulator
logo
ZP Semiconductor
CJ7912-TO220-3L ZPSEMI-CJ7912-TO220-3L Datasheet
595Kb / 1P
   TO-220-3L Encapsulate Voltage Regulators
logo
Seme LAB
LM7800-220M SEME-LAB-LM7800-220M Datasheet
21Kb / 2P
   POSITIVE VOLTAGE REGULATOR TO 220 M
logo
List of Unclassifed Man...
L7809 ETC-L7809 Datasheet
284Kb / 3P
   TO-220 Plastic-Encapsulate Voltage Regulator
E,Oct,2014
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
logo
Stackpole Electronics, ...
ZVL SEI-ZVL Datasheet
1Mb / 6P
   Low Voltage Leaded Varistor
02/15/2021
CVH SEI-CVH Datasheet
258Kb / 4P
   Medium Voltage Leaded Varistor
08/09/2019
logo
New Jersey Semi-Conduct...
2N5191 NJSEMI-2N5191 Datasheet
92Kb / 1P
   TO-220
logo
Fuji Electric
ENE201D-05A FUJI-ENE201D-05A Datasheet
228Kb / 7P
   Z-TRAP ENE(Nominal varistor voltage 200 to 470V
logo
ZP Semiconductor
CJ7815-TO220-3L ZPSEMI-CJ7815-TO220-3L Datasheet
574Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com