Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAT24FC65 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part No. CAT24FC65
Description  64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CATALYST [Catalyst Semiconductor]
Homepage  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC65 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT24FC65 Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT24FC65/66
9
Doc No. 1047, Rev. H
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 24FC66JI-TE13 REV-D (SOIC, Industrial Temperature, 2.5 Volt to 5.5 Volt Operating
Voltage, Tape & Reel)
Temperature Range
I = Industrial (-40˚C to 85˚C)
A = Automotive (-40˚C to 105˚C)
Prefix
Device #
Suffix
J
I
TE13
Product
Number
24FC65
24FC66
Tape & Reel
Package
P: PDIP
K: SOIC, EIAJ
J: SOIC, JEDEC
U: TSSOP
RD2: TDFN
L: PDIP (Lead-free, Halogen-free)
W: SOIC, JEDEC (Lead-free, Halogen-free)
Y: TSSOP (Lead-free, Halogen-free)
X: SOIC, EIAJ (Lead-free, Halogen-free)
ZD2: TDFN (Lead-free, Halogen-free)
GL: PDIP (Lead-free, Halogen-free, NiPdAu lead plating)
GW: SOIC, JEDEC (Lead-free, Halogen-free, NiPdAu lead plating)
GY: TSSOP (Lead-free, Halogen-free, NiPdAu lead plating)
GX: SOIC, EIAJ (Lead-free, Halogen-free, NiPdAu lead plating)
REV-D
Die Revision
-1.8
Operating Voltage
Blank: 2.5 to 5.5V
24FC66
CAT
Optional
Company ID
E = Extended (-40˚C to 125˚C)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn