Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAT24FC65 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part No. CAT24FC65
Description  64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CATALYST [Catalyst Semiconductor]
Homepage  http://www.catalyst-semiconductor.com
Logo 

CAT24FC65 Datasheet(HTML) 6 Page - Catalyst Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT24FC65/66
6
Doc. No. 1047, Rev. H
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
transmit data. If no acknowledge is sent by the Master,
the device terminates data transmission and waits for a
STOP condition.
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/
W bit set to zero) to the Slave device. After
the Slave generates an acknowledge, the Master sends
two 8-bit address words that are to be written into the
address pointers of the CAT24FC65/66. After receiving
another acknowledge from the Slave, the Master device
transmits the data to be written into the addressed
memory location. The CAT24FC65/66 acknowledges
once more and the Master generates the STOP condi-
tion. At this time, the device begins an internal program-
ming cycle to nonvolatile memory. While the cycle is in
progress, the device will not respond to any request from
the Master device.
Page Write
The CAT24FC65/66 writes up to 64 bytes of data, in a
single write cycle, using the Page Write operation. The
page write operation is initiated in the same manner as
the byte write operation, however instead of terminating
after the initial byte is transmitted, the Master is allowed
to send up to 63 additional bytes. After each byte has
been transmitted, CAT24FC65/66 will respond with an
acknowledge, and internally increment the six low order
address bits by one. The high order bits remain un-
changed.
If the Master transmits more than 64 bytes before sending
the STOP condition, the address counter ‘wraps around’,
and previously transmitted data will be overwritten.
When all 64 bytes are received, and the STOP condition
has been sent by the Master, the internal programming
cycle begins. At this point, all received data is written to
the CAT24FC65/66 in a single write cycle.
Acknowledge Polling
Disabling of the inputs can be used to take advantage of
the typical write cycle time. Once the stop condition is
issued to indicate the end of the host's write operation,
CAT24FC65/66 initiates the internal write cycle. ACK
polling can be initiated immediately. This involves issu-
ing the start condition followed by the slave address for
a write operation. If CAT24FC65/66 is still busy with the
write operation, no ACK will be returned. If
CAT24FC65/66 has completed the write operation, an
ACK will be returned and the host can then proceed with
the next read or write operation.
WRITE PROTECTION
The Write Protection feature allows the user to protect
against inadvertent programming of the memory array.
If the WP pin is tied to VCC, the entire memory array is
protected and becomes read only. The CAT24FC65/66
will accept both slave and byte addresses, but the
memory location accessed is protected from program-
ming by the device’s failure to send an acknowledge
after the first byte of data is received.
Figure 7. Page Write Timing
Figure 6. Byte Write Timing
*=Don't Care Bit
*=Don't Care Bit
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
A
C
K
***
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
DATA n+63
DATA
A
C
K
S
T
O
P
A
C
K
DATA n
A
C
K
P
A
C
K
***


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn