Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT83C5127 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT83C5127
Description  MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5127 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT83C5127 Datasheet HTML 1Page - ATMEL Corporation AT83C5127 Datasheet HTML 2Page - ATMEL Corporation AT83C5127 Datasheet HTML 3Page - ATMEL Corporation AT83C5127 Datasheet HTML 4Page - ATMEL Corporation AT83C5127 Datasheet HTML 5Page - ATMEL Corporation AT83C5127 Datasheet HTML 6Page - ATMEL Corporation AT83C5127 Datasheet HTML 7Page - ATMEL Corporation AT83C5127 Datasheet HTML 8Page - ATMEL Corporation AT83C5127 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
AT83C5127
7519A–SCR–04/05
Package Description
Figure 1. VQFP32 Package Pinout
Figure 2. MLF32 Package Pinout
VQFP32
P3.1/TxD
CCLK
P5.0
CC4
DVCC
CC8
P3.6/LED2
CRST
P1.2/CPRES
P3.4/T0/LED1
P3.0/RxD
28 27 26
1
2
3
4
5
6
7
24
23
22
21
20
19
18
12
11
10
913 14 15
VSS
8
16
17
P1.6
P3.5/T1/CRST1
25
29
30
31
32
P3.2/INT0/LED0/CIO1
P3.3/INT1
MLF32
P3.1/TxD
CCLK
P5.0
CC4
DVCC
CC8
P3.6/LED2
CRST
P1.2/CPRES
P3.4/T0/LED1
P3.0/RxD
28 27 26
1
2
3
4
5
6
7
24
23
22
21
20
19
18
12
11
10
913 14 15
VSS
8
16
17
P1.6
P3.5/T1/CRST1
25
29
30
31
32
P3.2/INT0/LED0/CIO1
P3.3/INT1


Similar Part No. - AT83C5127

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5121 ATMEL-AT83C5121 Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
AT83C5121XXX-ICRUL ATMEL-AT83C5121XXX-ICRUL Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
AT83C5121XXX-ICSUL ATMEL-AT83C5121XXX-ICSUL Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
AT83C5121XXX-PURUL ATMEL-AT83C5121XXX-PURUL Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
AT83C5121XXX-PUTUL ATMEL-AT83C5121XXX-PUTUL Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
More results

Similar Description - AT83C5127

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
   C51 Microcontroller with USB and Smart Card Reader Interfaces
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
List of Unclassifed Man...
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
   USB Smart Card Reader Controller
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
   USB Smart Card Reader Controller
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
logo
Microchip Technology
SEC1110 MICROCHIP-SEC1110 Datasheet
2Mb / 218P
   Smart Card Bridge to USB and UART Interfaces
06/23/16
logo
Cherry Semiconductor Co...
ST-1144 CHERRY-ST-1144 Datasheet
179Kb / 2P
   High performance USB smart card reader
logo
NXP Semiconductors
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com