Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3004090 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3004090
Description  UK 5 BU
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3004090 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3004090 Datasheet HTML 1Page - PHOENIX CONTACT 3004090 Datasheet HTML 2Page - PHOENIX CONTACT 3004090 Datasheet HTML 3Page - PHOENIX CONTACT 3004090 Datasheet HTML 4Page - PHOENIX CONTACT 3004090 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UK 5 BU Order No.: 3004090
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3004090
PHOENIX CONTACT Deutschland GmbH
Page 4 / 5
http://www.phoenixcontact.de
Mar 24, 2010
2303239
USBR 2-7
Cross connector/bridge, Color: silver
2305538
USBRJ 2-7
Cross connector/bridge, Number of positions: 2, Color: silver
Marking
1007222
SBS 6:UNBEDRUCKT
Marker cards for modular terminal blocks, color: white
1004115
WS 3- 6
Warning plate, with 2 plastic screws, across 3 terminal blocks,
pitch 6 mm
1004209
WS 4- 6
Warning plate, with 2 plastic screws, across 4 terminal blocks,
pitch 6 mm
1004403
WS 5- 6
Warning plate, with 2 plastic screws, across 5 terminal blocks,
pitch 6 mm
1050499
ZB 6:SO/CMS
Zack strip, 10-section, divisible, special printing, marking
according to customer requirements
Plug/Adapter
0309523
KSS 3- 6
Short circuit connector, Number of positions: 3, Color: black
0301547
KSS 6
Short circuit connector, Number of positions: 2, Color: black
0201744
MPS-MT
Metal part
3001132
PS-UK 2,5 B/E
Test plugs, Color: red
3001239
PS-UK 2,5 B/Z-6
Test plugs, Color: red
3001462
PS-UK 3-5/Z-6
Test plug
0601292
PSB 3/10/4
Female test connector, Color: silver
0201304
PSBJ 3/13/4
Female test connector, Color: silver
0201647
RPS
Reducing plug, Color: gray


Similar Part No. - 3004090

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
30040-23 NSC-30040-23 Datasheet
4Mb / 244P
   Geode??GXm Processor Integrated x86 Solution with MMX Support
logo
PHOENIX CONTACT
3004016 PHOENIX-3004016 Datasheet
63Kb / 5P
   Feed-through terminal block - UK 5
3004032 PHOENIX-3004032 Datasheet
129Kb / 6P
   UK 5-MTK-P/P
3004058 PHOENIX-3004058 Datasheet
145Kb / 13P
   Knife disconnect terminal block - UK 5-MTK-P/P BU
3004087 PHOENIX-3004087 Datasheet
167Kb / 13P
   Knife disconnect terminal block - UK 5-MTK-P/P MIT SPERRE
09/12/2020
More results

Similar Description - 3004090

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3004388 PHOENIX-3004388 Datasheet
194Kb / 9P
   UK 5 N BU
1923047 PHOENIX-1923047 Datasheet
173Kb / 7P
   UK 5-TWIN BU
3008025 PHOENIX-3008025 Datasheet
162Kb / 6P
   UK 35 BU
3002092 PHOENIX-3002092 Datasheet
99Kb / 4P
   UK 3 BU
3005099 PHOENIX-3005099 Datasheet
132Kb / 5P
   UK 10 BU
3007929 PHOENIX-3007929 Datasheet
163Kb / 14P
   Fuse modular terminal block - UK 5-HESI BU
3001048 PHOENIX-3001048 Datasheet
118Kb / 5P
   UK 2,5 B BU
3005086 PHOENIX-3005086 Datasheet
163Kb / 6P
   UK 10 N BU
3001514 PHOENIX-3001514 Datasheet
176Kb / 8P
   UK 3 N BU
3004977 PHOENIX-3004977 Datasheet
193Kb / 9P
   UK 6 N BU
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com