Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2-L2-H-5V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # TX2-L2-H-5V
Description  2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TX2-L2-H-5V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  TX2-L2-H-5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TX2-L2-H-5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TX2-L2-H-5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TX2-L2-H-5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TX2-L2-H-5V Datasheet HTML 5Page - Nais(Matsushita Electric Works) TX2-L2-H-5V Datasheet HTML 6Page - Nais(Matsushita Electric Works) TX2-L2-H-5V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TX
2) Surface-mount terminal type
1. Single side stable
2. 1 coil latching
3. 2 coil latching
❍: For each surface-mounted terminal variation, input the following letter.
SA type: A , SL type: L , SS type: S
Notes:
1. Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
2. Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
3. Tape and reel packing is also available for surface-mount type by request. Part number suffix "-X" or "-Z" is needed when ordering.
In this case, "X" or "Z" are not marked on the relay.
Quantity in tape and reel: 500 pcs.
(ex.) • TX2SA-3V-X
• TX2SA-L-3V-Z
Picked from the 1/3/4/5-pin side
Picked from the 8/9/10/12-pin side
4. In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.
Part No.
Nominal
voltage,
V DC
Pick-up voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal
operating
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating power,
mW
Max. allowable
voltage,
V DC
TX2S
❍-1.5 V
1.5
1.13
0.15
93.8
16
140
2.2
TX2S
❍-3 V
3
2.25
0.3
46.7
64.3
140
4.5
TX2S
❍-4.5 V
4.5
3.38
0.45
31
145
140
6.7
TX2S
❍-5 V
5
3.75
0.5
28.1
178
140
7.5
TX2S
❍-6 V
6
4.5
0.6
23.3
257
140
9
TX2S
❍-9 V
9
6.75
0.9
15.5
579
140
13.5
TX2S
❍-12 V
12
9
1.2
11.7
1,028
140
18
TX2S
❍-24 V
24
18
2.4
5.8
4,114
140
36
TX2S
❍-48 V
48
36
4.8
5.6
8,533
270
57.6
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
Reset voltage,
V DC (max.)
Nominal
operating
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating power,
mW
Max. allowable
voltage,
V DC
TX2S
❍-L-1.5 V
1.5
1.13
1.13
66.7
22.5
100
2.2
TX2S
❍-L-3 V
3
2.25
2.25
33.3
90
100
4.5
TX2S
❍-L-4.5 V
4.5
3.38
3.38
22.2
202.5
100
6.7
TX2S
❍-L-5 V
5
3.75
3.75
20
250
100
7.5
TX2S
❍-L-6 V
6
4.5
4.5
16.7
360
100
9
TX2S
❍-L-9 V
9
6.75
6.75
11.1
810
100
13.5
TX2S
❍-L-12 V
12
9
9
8.3
1,440
100
18
TX2S
❍-L-24 V
24
18
18
4.2
5,760
100
36
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
Reset voltage,
V DC (max.)
Nominal
operating
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating power,
mW
Max. allowable
voltage,
V DC
TX2S
❍-L2-1.5 V
1.5
1.13
1.13
133.9
11.2
200
2.2
TX2S
❍-L2-3 V
3
2.25
2.25
66.7
45
200
4.5
TX2S
❍-L2-4.5 V
4.5
3.38
3.38
44.5
101.2
200
6.7
TX2S
❍-L2-5 V
5
3.75
3.75
40
125
200
7.5
TX2S
❍-L2-6 V
6
4.5
4.5
33.3
180
200
9
TX2S
❍-L2-9 V
9
6.75
6.75
22.2
405
200
13.5
TX2S
❍-L2-12 V
12
9
9
16.7
720
200
18
TX2S
❍-L2-24 V
24
18
18
8.3
2,880
200
36
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - TX2-L2-H-5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2-L2-1.5V PANASONIC-TX2-L2-1.5V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-L2-12V PANASONIC-TX2-L2-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-L2-24V PANASONIC-TX2-L2-24V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-L2-3V PANASONIC-TX2-L2-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-L2-4.5V PANASONIC-TX2-L2-4.5V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
More results

Similar Description - TX2-L2-H-5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
   High Breakdown Voltage Relay
logo
Panasonic Semiconductor
TXD2-3V PANASONIC-TXD2-3V Datasheet
124Kb / 7P
   High Breakdown Voltage Relay Communications (xDSL)
logo
ON Semiconductor
2SA1709 ONSEMI-2SA1709 Datasheet
623Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
logo
Omron Electronics LLC
G7L-V1 OMRON-G7L-V1 Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L OMRON-G7L_V01 Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
logo
ON Semiconductor
2SA1419 ONSEMI-2SA1419 Datasheet
354Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
2SA1416 ONSEMI-2SA1416 Datasheet
358Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
September, 2013
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com