Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FFB3904D Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part No. FFB3904D
Description  Dual General Purpose Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FS [First Silicon Co., Ltd]
Homepage  http://www.firstsilicon.co.kr/
Logo 

FFB3904D Datasheet(HTML) 5 Page - First Silicon Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL AUDIO SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(VCE = 5.0 Vdc, T A = 25 °C, Bandwidth = 1.0 Hz)
Figure 9. Noise Figure
Figure 10. Noise Figure
h PARAMETERS
(VCE = 10 Vdc, f = 1.0 kHz, T A = 25 °C)
Figure 11. Current Gain
Figure 12. Output Admittance
Figure 13. Input Impedance
Figure 14. Voltage Feedback Ratio
2008. 03. 10
5/8
FFB3904D
Revision No : 0


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn