Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2-L-H-5V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # TX2-L-H-5V
Description  2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TX2-L-H-5V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  TX2-L-H-5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TX2-L-H-5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TX2-L-H-5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TX2-L-H-5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TX2-L-H-5V Datasheet HTML 5Page - Nais(Matsushita Electric Works) TX2-L-H-5V Datasheet HTML 6Page - Nais(Matsushita Electric Works) TX2-L-H-5V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TX
DIMENSIONS
1. Single side stable and 1 coil latching type
Standard PC board terminal
0.5
.020
1.15
.045
5.08
.200
2.54
.100
8.2
.323
3.5
.138
0.65
.026
7.4
.291
5.08
.200
0.25
.010
15
.591
Self clinching terminal
General tolerance:
±0.3 ±.012
0.5
.020
1.15
.045
5.08
.200
2.54
.100
8.2
.323
3.5
.138
0.65
.026
7.4
.291
5.08
.200
0.25
.010
15
.591
PC board pattern
(Copper-side view)
Tolerance:
±0.1 ±.004
5.08
.200
2.54
.100
8-1.0 dia
8-.039 dia
10.16
.400
Schematic (Bottom view)
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
*Orientation stripe located on top of relay.
Direction indication*
12
10 9 8
1
3 4 5
+
Direction indication*
12
10 9 8
1
3 4 5
+
Surface-mount terminal
SA type
0.5
.020
5.08
.200
2.54
.100
8.2
.323
8.4
.331
0.65
.026
7.4
.291
5.08
.200
0.25
.010
15
.591
9.4
±0.5
.370
±.020
SL type
0.5
.020
5.08
.200
2.54
.100
8.2
.323
0.65
.026
7.4
.291
5.08
.200
0.25
.010
15
.591
9.4
±0.5
.370
±.020
Max.
10.0
.390
SS type
General tolerance:
±0.3 ±.012
0.5
.020
5.08
.200
2.54
.100
8.2
.323
0.65
.026
7.4
.291
5.08
.200
0.25
.010
15
.591
7.4
±0.5
.291
±.020
Max.
10.0
.390
Suggested mounting pad
(Top view)
Tolerance:
±0.1 ±.004
0.3
.012
3.16
.124
1
.039
2.54
.100
5.08
.200
1.6
.0.63
7.24
.285
15
.591
For glue-pad
3.16
.124
1
.039
2.54
.100
5.08
.200
7.24
.285
2.16
.085
1
.039
2.54
.100
5.08
.200
6.24
.246
Schematic (Top view)
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
Direction indication
+
12
10 9 8
1
3 4 5
Direction indication
+
12
10 9 8
1
3 4 5
mm inch
2. Coil latching type
Standard PC board terminal
0.5
.020
1.15
.045
5.08
.200
2.54
.100
8.2
.323
3.5
.138
0.65
.026
7.4
.291
5.08
.200
0.25
.010
15
.591
Self clinching terminal
General tolerance:
±0.3 ±.012
0.5
.020
1.15
.045
5.08
.200
2.54
.100
8.2
.323
3.5
.138
0.65
.026
7.4
.291
5.08
.200
0.25
.010
15
.591
PC board pattern
(Copper side view)
Tolerance:
±0.1 ±.004
5.08
.200
2.54
.100
10-1.0 dia
10-.039 dia
12.7
.500
Schematic (Bottom view)
2 coil latching (Reset condition)
Direction indication*
12
10 9 8 7
1
3
4 5 6
+
+
Surface-mount terminal
SA type
0.5
.020
5.08
.200
2.54
.100
8.2
.323
8.4
.331
0.65
.026
7.4
.291
5.08
.200
0.25
.010
15
.591
9.4
±0.5
.370
±.020
SL type
0.5
.020
5.08
.200
2.54
.100
8.2
.323
0.65
.026
7.4
.291
5.08
.200
0.25
.010
15
.591
9.4
±0.5
.370
±.020
Max.
10.0
.390
SS type
General tolerance:
±0.3 ±.012
0.5
.020
5.08
.200
2.54
.100
8.2
.323
0.65
.026
7.4
.291
5.08
.200
0.25
.010
15
.591
7.4
±0.5
.291
±.020
Max.
10.0
.390
Suggested mounting pad (Top view)
Tolerance:
±0.1 ±.004
0.3
.012
3.16
.124
1
.039
2.54
.100
5.08
.200
1.6
.0.63
7.24
.285
15
.591
For glue-pad
3.16
.124
1
.039
2.54
.100
5.08
.200
7.24
.285
2.16
.085
1
.039
2.54
.100
5.08
.200
6.24
.285
Schematic (Top view)
2 coil latching (Reset condition)
Direction indication
+
+
12
10 9
8
7
1
3
4
5
6
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - TX2-L-H-5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2-L-1.5V PANASONIC-TX2-L-1.5V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-L-12V PANASONIC-TX2-L-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-L-24V PANASONIC-TX2-L-24V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-L-3V PANASONIC-TX2-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-L-4.5V PANASONIC-TX2-L-4.5V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
More results

Similar Description - TX2-L-H-5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
   High Breakdown Voltage Relay
logo
Panasonic Semiconductor
TXD2-3V PANASONIC-TXD2-3V Datasheet
124Kb / 7P
   High Breakdown Voltage Relay Communications (xDSL)
logo
ON Semiconductor
2SA1709 ONSEMI-2SA1709 Datasheet
623Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
logo
Omron Electronics LLC
G7L-V1 OMRON-G7L-V1 Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L OMRON-G7L_V01 Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
logo
ON Semiconductor
2SA1419 ONSEMI-2SA1419 Datasheet
354Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
2SA1416 ONSEMI-2SA1416 Datasheet
358Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
September, 2013
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com