Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT88L70 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MT88L70
Description  3 Volt Integrated DTMF Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT88L70 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MT88L70 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT88L70 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT88L70 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT88L70 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT88L70 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT88L70 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT88L70 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT88L70 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT88L70 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MT88L70
Data Sheet
3
Zarlink Semiconductor Inc.
Functional Description
The MT88L70 monolithic DTMF receiver offers small size, low power consumption and high performance, with 3
volt operation. Its architecture consists of a bandsplit filter section, which separates the high and low group tones,
followed by a digital counting section which verifies the frequency and duration of the received tones before passing
the corresponding code to the output bus.
Filter Section
Separation of the low-group and high group tones is achieved by applying the DTMF signal to the inputs of two
sixth-order switched capacitor bandpass filters, the bandwidths of which correspond to the low and high group
frequencies. The filter section also incorporates notches at 350 and 440 Hz for exceptional dial tone rejection. Each
filter output is followed by a single order switched capacitor filter section which smooths the signals prior to limiting.
Limiting is performed by high-gain comparators which are provided with hysteresis to prevent detection of
unwanted low-level signals. The outputs of the comparators provide full rail logic swings at the frequencies of the
incoming DTMF signals.
Decoder Section
Following the filter section is a decoder employing digital counting techniques to determine the frequencies of the
incoming tones and to verify that they correspond to standard DTMF frequencies. A complex averaging algorithm
protects against tone simulation by extraneous signals such as voice while providing tolerance to small frequency
deviations and variations. This averaging algorithm has been developed to ensure an optimum combination of
immunity to talk-off and tolerance to the presence of interfering frequencies (third tones) and noise. When the
detector recognizes the presence of two valid tones (this is referred to as the “signal condition” in some industry
specifications) the “Early Steering” (ESt) output will go to an active state. Any subsequent loss of signal condition
will cause ESt to assume an inactive state (see “Steering Circuit”).
Steering Circuit
Before registration of a decoded tone pair, the receiver checks for a valid signal duration (referred to as character
recognition condition). This check is performed by an external RC time constant driven by ESt. A logic high on ESt
causes vc (see Figure 3) to rise as the capacitor discharges. Provided signal condition is maintained (ESt remains
high) for the validation period (tGTP), vc reaches the threshold (VTSt) of the steering logic to register the tone pair,
latching its corresponding 4-bit code (see Table 1) into the output latch. At this point the GT output is activated and
drives vc to VDD. GT continues to drive high as long as ESt remains high. Finally, after a short delay to allow the
output latch to settle, the delayed steering output flag (StD) goes high, signalling that a received tone pair has been
registered. The contents of the output latch are made available on the 4-bit output bus by raising the three state
control input (TOE) to a logic high. The steering circuit works in reverse to validate the interdigit pause between
signals. Thus, as well as rejecting signals too short to be considered valid, the receiver will tolerate signal
interruptions (dropout) too short to be considered a valid pause. This facility, together with the capability of selecting
17
19
St/GT
Steering Input/Guard time (Output) Bidirectional. A voltage greater than VTSt detected at
St causes the device to register the detected tone pair and update the output latch. A voltage
less than VTSt frees the device to accept a new tone pair. The GT output acts to reset the
external steering time-constant; its state is a function of ESt and the voltage on St.
18
20
VDD
Positive power supply (Input). +3 V typical.
7, 16
NC
No Connection.
Pin Description
Pin #
Name
Description
18
20


Similar Part No. - MT88L70

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
MT88L70AC MITEL-MT88L70AC Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
MT88L70AE MITEL-MT88L70AE Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
MT88L70AN MITEL-MT88L70AN Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
MT88L70AS MITEL-MT88L70AS Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
More results

Similar Description - MT88L70

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com