Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV8513-35K Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC41LV8513-35K
Description  512K x 8 bit Dynamic RAM with Fast Page Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV8513-35K Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC41LV8513-35K Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV8513-35K Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV8513-35K Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV8513-35K Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV8513-35K Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV8513-35K Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV8513-35K Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV8513-35K Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41LV8513-35K Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IC41C8513 and IC41LV8513
6
Integrated Circuit Solution Inc.
DR028-0A 09/25/2001
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V
≤ VIN ≤ Vcc
−55
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
−55
µA
0V
≤ VOUT ≤ Vcc
VOH
Output High Voltage Level
IOH =
−5.0 mA with VCC=5V
2.4
V
IOH =
−2.0 mA with VCC=3.3V
VOL
Output Low Voltage Level
IOL = 4.2 mA with VCC=5V
0.4
V
IOL = 2 mA with VCC=3.3V
ICC1
Standby Current: TTL
RAS, CAS ≥ VIH
5V
2mA
3.3V
0.5
ICC2
Standby Current: CMOS
RAS, CAS ≥ VCC
− 0.2V
5V
1mA
3.3V
0.5
ICC3
Operating Current:
RAS, CAS,
-35
120
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-50
110
Average Power Supply Current
-60
100
ICC4
Operating Current:
RAS = VIL, CAS ≥ VIH
-35
100
mA
Fast Page Mode(2,3,4)
tRC = tRC (min.)
-50
90
Average Power Supply Current
-60
80
ICC5
Refresh Current:
RAS Cycling, CAS ≥ VIH
-35
120
mA
RAS-Only(2,3)
tRC = tRC (min.)
-50
110
Average Power Supply Current
-60
100
ICC6
Refresh Current:
RAS, CAS Cycling
-35
120
mA
CBR(2,3,5)
tRC = tRC (min.)
-50
110
Average Power Supply Current
-60
100
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each Fast page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IC41LV8513-35K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV8512 ICSI-IC41LV8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41LV8512-35K ICSI-IC41LV8512-35K Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41LV8512-35KI ICSI-IC41LV8512-35KI Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41LV8512-35T ICSI-IC41LV8512-35T Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41LV8512-35TI ICSI-IC41LV8512-35TI Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41LV8513-35K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT44108 ETC1-GLT44108 Datasheet
399Kb / 16P
   512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41C85125 ISSI-IS41C85125 Datasheet
143Kb / 16P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV85125B ISSI-IS41LV85125B Datasheet
113Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
MB8117800A-60 ETC1-MB8117800A-60 Datasheet
580Kb / 27P
   2 M X 8 BIT FAST PAGE MODE DYNAMIC RAM
logo
OKI electronic componet...
MSM51V16800D OKI-MSM51V16800D Datasheet
458Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com