Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C8513-35K Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC41C8513-35K
Description  512K x 8 bit Dynamic RAM with Fast Page Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C8513-35K Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC41C8513-35K Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C8513-35K Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C8513-35K Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C8513-35K Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C8513-35K Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C8513-35K Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C8513-35K Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C8513-35K Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C8513-35K Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IC41C8513 and IC41LV8513
Integrated Circuit Solution Inc.
7
DR028-0A 09/25/2001
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-
35
-
50
-
60
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max. Units
tRC
Random READ or WRITE Cycle Time
60
90
110
ns
tRAC
Access Time from
RAS(6, 7)
35
50
60
ns
tCAC
Access Time from
CAS(6, 8, 15)
10
14
15
ns
tAA
Access Time from Column-Address(6)
18
25
30
ns
tRAS
RAS Pulse Width
35
10K
50
10K
60
10K
ns
tRP
RAS Precharge Time
20
30
40
ns
tCAS
CAS Pulse Width(23)
6
10K
8
10K
10
10K
ns
tCP
CAS Precharge Time(9)
6
8
10
ns
tCSH
CAS Hold Time (21)
35
50
60
ns
tRCD
RAS to CAS Delay Time(10, 20)
11
28
19
36
20
45
ns
tASR
Row-Address Setup Time
0
0
0
ns
tRAH
Row-Address Hold Time
6
8
10
ns
tASC
Column-Address Setup Time(20)
0
0
0
ns
tCAH
Column-Address Hold Time(20)
6
8
10
ns
tAR
Column-Address Hold Time
30
40
40
ns
(referenced to
RAS)
tRAD
RAS to Column-Address Delay Time(11)
10
20
14
25
15
30
ns
tRAL
Column-Address to
RAS Lead Time
18
25
30
ns
tRPC
RAS to CAS Precharge Time
0
0
0
ns
tRSH
RAS Hold Time
8
14
15
ns
tCLZ
CAS to Output in Low-Z(15, 24)
3
3
3
ns
tCRP
CAS to RAS Precharge Time(21)
5
5
5
ns
tOD
Output Disable Time(19, 24)
315
3
15
3
15
ns
tOE
Output Enable Time(15, 16)
10
-
15
-
15
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0
0
0
ns
tRRH
Read Command Hold Time
0
0
0
ns
(referenced to
RAS)(12)
tRCH
Read Command Hold Time
0
0
0
ns
(referenced to
CAS)(12, 17, 21)
tWCH
Write Command Hold Time(17)
5
8
10
ns
tWCR
Write Command Hold Time
30
40
50
ns
(referenced to
RAS)(17)
tWP
Write Command Pulse Width(17)
5
8
10
ns
tRWL
Write Command to
RAS Lead Time(17)
8
14
15
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
8
14
15
ns
tWCS
Write Command Setup Time(14, 17, 20)
0
0
0
ns
tDHR
Data-in Hold Time (referenced to
RAS)30
40
45
ns


Similar Part No. - IC41C8513-35K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41C8512-35K ICSI-IC41C8512-35K Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41C8512-35KI ICSI-IC41C8512-35KI Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41C8512-35T ICSI-IC41C8512-35T Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41C8512-35TI ICSI-IC41C8512-35TI Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41C8513-35K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT44108 ETC1-GLT44108 Datasheet
399Kb / 16P
   512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41C85125 ISSI-IS41C85125 Datasheet
143Kb / 16P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV85125B ISSI-IS41LV85125B Datasheet
113Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
MB8117800A-60 ETC1-MB8117800A-60 Datasheet
580Kb / 27P
   2 M X 8 BIT FAST PAGE MODE DYNAMIC RAM
logo
OKI electronic componet...
MSM51V16800D OKI-MSM51V16800D Datasheet
458Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com