Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMV358AIDGKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part No. LMV358AIDGKT
Description  LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358AIDGKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV358AIDGKT Datasheet HTML 6Page - Texas Instruments LMV358AIDGKT Datasheet HTML 7Page - Texas Instruments LMV358AIDGKT Datasheet HTML 8Page - Texas Instruments LMV358AIDGKT Datasheet HTML 9Page - Texas Instruments LMV358AIDGKT Datasheet HTML 10Page - Texas Instruments LMV358AIDGKT Datasheet HTML 11Page - Texas Instruments LMV358AIDGKT Datasheet HTML 12Page - Texas Instruments LMV358AIDGKT Datasheet HTML 13Page - Texas Instruments LMV358AIDGKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
2.5 V
Time (1 s/div)
D017
Frequency (Hz)
0
20
40
60
80
100
120
100
1k
10k
100k
1M
D015
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
D014
Output Current (mA)
0
5
10
15
20
25
30
35
40
45
50
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
-40°C
-40°C
25°C
85°C
85°C
125°C
125°C
D012
25°C
Frequency (Hz)
0
20
40
60
80
100
120
100
1k
10k
100k
1M
D013
PSRR+
PSRR
10
LMV321A, LMV324A, LMV358A
SBOS923E – DECEMBER 2017 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: LMV321A LMV324A LMV358A
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Figure 7. Output Voltage vs Output Current (Claw)
Figure 8. PSRR vs Frequency
VS = 1.8 V to 5.5 V
Figure 9. DC PSRR vs Temperature
Figure 10. CMRR vs Frequency
VCM = (V–) – 0.1 V to (V+) – 1.4 V
Figure 11. DC CMRR vs Temperature
Figure 12. 0.1 Hz to 10 Hz Integrated Voltage Noise


Similar Part No. - LMV358AIDGKT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
1Mb / 37P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
2Mb / 45P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
2Mb / 48P
[Old version datasheet]   LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LMV358AIDGKT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMV321A TI1-LMV321A_V02 Datasheet
2Mb / 48P
[Old version datasheet]   LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI-LMV321A_V03 Datasheet
3Mb / 53P
[Old version datasheet]   LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
FEBRUARY 2022
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
National Semiconductor (TI)
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
Texas Instruments
Texas Instruments
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321-Q1 TI1-LMV321-Q1_15 Datasheet
816Kb / 26P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A_1809 TI1-LMV321A_1809 Datasheet
2Mb / 45P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz