Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMV358AIDGKT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. LMV358AIDGKT
Description  LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358AIDGKT Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV358AIDGKT Datasheet HTML 2Page - Texas Instruments LMV358AIDGKT Datasheet HTML 3Page - Texas Instruments LMV358AIDGKT Datasheet HTML 4Page - Texas Instruments LMV358AIDGKT Datasheet HTML 5Page - Texas Instruments LMV358AIDGKT Datasheet HTML 6Page - Texas Instruments LMV358AIDGKT Datasheet HTML 7Page - Texas Instruments LMV358AIDGKT Datasheet HTML 8Page - Texas Instruments LMV358AIDGKT Datasheet HTML 9Page - Texas Instruments LMV358AIDGKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
LMV321A, LMV324A, LMV358A
SBOS923E – DECEMBER 2017 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: LMV321A LMV324A LMV358A
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that may swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
6 Specifications
6.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, ([V+] – [V–])
0
6
V
Signal input pins
Voltage(2)
Common-mode
(V–) – 0.5
(V+) + 0.5
V
Differential
(V+) – (V–) + 0.2
V
Current(2)
–10
10
mA
Output short-circuit(3)
Continuous
Operating, TA
–55
150
°C
Operating junction temperature, TJ
150
°C
Storag temperaturee, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage
2.5
5.5
V
TA
Specified temperature
–40
125
°C


Similar Part No. - LMV358AIDGKT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
1Mb / 37P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
2Mb / 45P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
2Mb / 48P
[Old version datasheet]   LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LMV358AIDGKT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMV321A TI1-LMV321A_V02 Datasheet
2Mb / 48P
[Old version datasheet]   LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI-LMV321A_V03 Datasheet
3Mb / 53P
[Old version datasheet]   LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
FEBRUARY 2022
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
National Semiconductor (TI)
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
Texas Instruments
Texas Instruments
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321-Q1 TI1-LMV321-Q1_15 Datasheet
816Kb / 26P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A_1809 TI1-LMV321A_1809 Datasheet
2Mb / 45P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz