Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV358AIDGKT Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LMV358AIDGKT
Description  LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358AIDGKT Datasheet(HTML) 40 Page - Texas Instruments

Back Button LMV358AIDGKT Datasheet HTML 36Page - Texas Instruments LMV358AIDGKT Datasheet HTML 37Page - Texas Instruments LMV358AIDGKT Datasheet HTML 38Page - Texas Instruments LMV358AIDGKT Datasheet HTML 39Page - Texas Instruments LMV358AIDGKT Datasheet HTML 40Page - Texas Instruments LMV358AIDGKT Datasheet HTML 41Page - Texas Instruments LMV358AIDGKT Datasheet HTML 42Page - Texas Instruments LMV358AIDGKT Datasheet HTML 43Page - Texas Instruments LMV358AIDGKT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
www.ti.com
PACKAGE OUTLINE
C
.228-.244 TYP
[5.80-6.19]
.069 MAX
[1.75]
6X .050
[1.27]
8X .012-.020
[0.31-0.51]
2X
.150
[3.81]
.005-.010 TYP
[0.13-0.25]
0 - 8
.004-.010
[0.11-0.25]
.010
[0.25]
.016-.050
[0.41-1.27]
4X (0 -15 )
A
.189-.197
[4.81-5.00]
NOTE 3
B
.150-.157
[3.81-3.98]
NOTE 4
4X (0 -15 )
(.041)
[1.04]
SOIC - 1.75 mm max height
D0008A
SMALL OUTLINE INTEGRATED CIRCUIT
4214825/C 02/2019
NOTES:
1. Linear dimensions are in inches [millimeters]. Dimensions in parenthesis are for reference only. Controlling dimensions are in inches.
Dimensioning and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed .006 [0.15] per side.
4. This dimension does not include interlead flash.
5. Reference JEDEC registration MS-012, variation AA.
1
8
.010 [0.25]
C A B
5
4
PIN 1 ID AREA
SEATING PLANE
.004 [0.1] C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.800


Similar Part No. - LMV358AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
1Mb / 37P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
2Mb / 45P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
2Mb / 48P
[Old version datasheet]   LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LMV358AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321A TI1-LMV321A_V02 Datasheet
2Mb / 48P
[Old version datasheet]   LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI-LMV321A_V03 Datasheet
3Mb / 53P
[Old version datasheet]   LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
FEBRUARY 2022
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com