Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5662IPFB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5662IPFB
Description  DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5662IPFB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5662IPFB Datasheet HTML 2Page - Texas Instruments DAC5662IPFB Datasheet HTML 3Page - Texas Instruments DAC5662IPFB Datasheet HTML 4Page - Texas Instruments DAC5662IPFB Datasheet HTML 5Page - Texas Instruments DAC5662IPFB Datasheet HTML 6Page - Texas Instruments DAC5662IPFB Datasheet HTML 7Page - Texas Instruments DAC5662IPFB Datasheet HTML 8Page - Texas Instruments DAC5662IPFB Datasheet HTML 9Page - Texas Instruments DAC5662IPFB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC5662
SLAS425 – JULY 2004
AC specifications over operating free-air temperature range, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA, independent gain set
mode, differential 1:1 impedance ratio transformer coupled output, 50-
Ω doubly terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Output
fclk
Maximum output update rate
200
MSPS
ts
Output settling time to 0.1% (DAC)
Mid-scale transition
20
ns
tr
Output rise time 10% to 90% (OUT)
1.4
ns
tf
Output fall time 90% to 10% (OUT)
1.5
ns
Output noise
IOUTFS = 20 mA
55
pA/
√Hz
IOUTFS = 2 mA
30
pA/
√Hz
AC Linearity
SFDR
Spurious free dynamic range
1st Nyquist zone, TA = 25°C, fDATA =
81
dBc
50 MSPS, fOUT = 1 MHz, IOUTFS =
0 dB
1st Nyquist zone, TA = 25°C, fDATA =
83
dBc
50 MSPS, fOUT = 1 MHz, IOUTFS =
-6 dB
1st Nyquist zone, TA = 25°C, fDATA =
81
dBc
50 MSPS, fOUT = 1 MHz, IOUTFS =
-12 dB
1st Nyquist zone, TA = 25°C, fDATA =
85
dBc
100 MSPS, fOUT = 5 MHz
1st Nyquist zone, TA = 25°C, fDATA =
78
dBc
100 MSPS, fOUT = 20 MHz
1st Nyquist zone, TMIN to TMAX,
66
71
dBc
fDATA = 200 MSPS, fOUT = 20 MHz
1st Nyquist zone, TA = 25°C, fDATA =
68
dBc
200 MSPS, fOUT = 41 MHz
SNR
Signal-to-noise ratio
1st Nyquist zone, TA = 25°C, fDATA =
73
dB
100 MSPS, fOUT = 5 MHz
1st Nyquist zone, TA = 25°C, fDATA =
67
dB
200 MSPS, fOUT = 20 MHz
ACLR
Adjacent channel leakage ratio
W-CDMA signal with 3.84-MHz
70
dB
Bandwidth, fDATA = 61.44 MSPS, IF
= 15.360 MHz
W-CDMA signal with 3.84-MHz
70
dB
Bandwidth, fDATA = 122.88 MSPS, IF
= 30.72 MHz
IMD3
Third-order two-tone intermodulation
Each tone at -6 dBFS, TA = 25°C,
62
dBc
fDATA = 200 MSPS, fOUT = 45.4 and
46.4 MHz
Each tone at -6 dBFS, TA = 25°C,
78
dBc
fDATA = 100 MSPS, fOUT = 15.1 and
16.1 MHz
IMD
Four-tone intermodulation
Each tone at -12 dBFS, TA = 25°C,
77
dBc
fDATA = 100 MSPS, fOUT = 15.6,
15.8, 16.2, and 16.4 MHz
Each tone at -12 dBFS, TA = 25°C,
56
dBc
fDATA = 165 MSPS, fOUT = 68.8,
69.6, 71.2, and 72.0 MHz
Each tone at -12 dBFS, TA = 25°C,
74
dBc
fDATA = 165 MSPS, fOUT = 19.0,
19.1, 19.3, and 19.4 MHz
Channel isolation
TA = 25°C, fDATA = 165 MSPS, fOUT
97
dBc
(CH1) = 20 MHz, fOUT (CH2) = 21
MHz
6


Similar Part No. - DAC5662IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662IPFB TI1-DAC5662IPFB Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662IPFBG4 TI1-DAC5662IPFBG4 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662IPFBR TI1-DAC5662IPFBR Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662IPFBRG4 TI1-DAC5662IPFBRG4 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5662IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
[Old version datasheet]   DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
[Old version datasheet]   DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com