Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2DL814 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2DL814
Description  1:4 Clock Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DL814 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2DL814 Datasheet HTML 1Page - Cypress Semiconductor CY2DL814 Datasheet HTML 2Page - Cypress Semiconductor CY2DL814 Datasheet HTML 3Page - Cypress Semiconductor CY2DL814 Datasheet HTML 4Page - Cypress Semiconductor CY2DL814 Datasheet HTML 5Page - Cypress Semiconductor CY2DL814 Datasheet HTML 6Page - Cypress Semiconductor CY2DL814 Datasheet HTML 7Page - Cypress Semiconductor CY2DL814 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ComLink™ Series
CY2DL814
Document #: 38-07057 Rev. *A
Page 4 of 8
Table 8. D.C Electrical Characteristics: 3.3V–LVTTL/LVCMOS Input
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIH
Input High Voltage
Guaranteed Logic High Level
2
V
VIL
Input Low Voltage
Guaranteed Logic Low Level
0.8
V
IIH
Input High Current
VDD = Max.
VIN = 2.7V
1
µA
IIL
Input Low Current
VDD = Max.
VIN = 0.5V
–1
µA
II
Input High Current
VDD = Max., VIN = VDD(Max.)
20
µA
VIK
Clamp Diode Voltage
VDD = Min., IIN = –18 mA
–0.7
–1.2
V
VH
Input Hysteresis
80
mV
Table 9. D.C Electrical Characteristics: 3.3V–LVDS OUTPUT
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
I VOD I
Differential output voltage p-p
VDD = 3.3V, VIN = VIH, or VIL
RL = 100 ohm
0.25
0.45
V
VOC(SS)
Steady-state common-mode
output voltage
226
mV
Delta
VOC(SS)
Change in VOC(SS) between
logic states
–50
3
50
mV
VOC(PP)
Peak to peak common mode
output voltage
150
mV
IOS
Output short circuit
QA = 0V or QB = 0V
–20
mA
Voh
Output voltage high
RL = 100 ohm
1475
mV
Vol
Output voltage low
925
mV
Table 10. AC Parameters
Parameter
Description
Conditions
Min. Typ. Max. Unit
Rise Time
Pin control (pin 3) logic is “FALSE”
defaulting to 100 ohm output drivers.
Differential 20% to 80%
CL–10 pF
RL and CL to GND
3 CL = Cintrinsic and Cexternal
RL = 100 ohm
1.4
ns
Fall Time
1.4
ns
Rise Time
Pin control (pin 3) logic is “True”
defaulting to 50 ohm output drivers.
Differential 20% to 80%
CL–10 pF
RL and CL to GND
3 CL = Cintrinsic and Cexternal
RL = 50 ohm
Output boost
350
600
ps
Fall Time
350
600
ps
Table 11. AC Switching Characteristics @ 3.3 V (VDD = 3.3V ±5%, Temperature = –40°C to +85°C)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
IN [+,-] to Q[A,B] Data and Clock Speed
tPLH
Propagation Delay – Low to High
VOD = 100 mV
3
4
5
ns
tPHL
Propagation Delay – High to Low
3
4
5
ns
Tpd
Propagation Delay
3
4
5
ns
IN [1,2] to Q[A,B] Control Speed
TPe
Enable (EN) to functional operation
6
ns
Tpd
Functional operation to Disable
5
ns
Q[A,B] Output Skews
tSK(0)
Output Skew: Skew between outputs of the same
package (in phase)
0.2
ns
tSK(p)
Pulse Skew: Skew between opposite transitions of the
same output (tPHL–tPLH)
0.2
ns
tSK(t)
Package Skew: Skew between outputs of different
packages at the same power supply voltage, temper-
ature and package type. Same input signal level and
output load.
VID = 100 mV
1
ns


Similar Part No. - CY2DL814

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DL814SC CYPRESS-CY2DL814SC Datasheet
190Kb / 8P
   ComLink??Series
CY2DL814SCT CYPRESS-CY2DL814SCT Datasheet
190Kb / 8P
   ComLink??Series
CY2DL814SI CYPRESS-CY2DL814SI Datasheet
190Kb / 8P
   ComLink??Series
CY2DL814SIT CYPRESS-CY2DL814SIT Datasheet
190Kb / 8P
   ComLink??Series
CY2DL814SXC CYPRESS-CY2DL814SXC Datasheet
190Kb / 8P
   ComLink??Series
More results

Similar Description - CY2DL814

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
   1:4 Clock Fanout Buffer
CY2DP814 CYPRESS-CY2DP814_08 Datasheet
429Kb / 9P
   1:4 Clock Fanout Buffer
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553_17 Datasheet
95Kb / 8P
   1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_07 Datasheet
143Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
January, 2007 ??Rev. 1
NB4L339 ONSEMI-NB4L339 Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_09 Datasheet
144Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
October, 2009 ??Rev. 6
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
   3.3V LVDS 1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com